Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP04 Datasheet(PDF) 6 Page - Analog Devices

Part # SMP04
Description  CMOS Quad Sample and Hold Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SMP04 Datasheet(HTML) 6 Page - Analog Devices

Back Button SMP04_15 Datasheet HTML 2Page - Analog Devices SMP04_15 Datasheet HTML 3Page - Analog Devices SMP04_15 Datasheet HTML 4Page - Analog Devices SMP04_15 Datasheet HTML 5Page - Analog Devices SMP04_15 Datasheet HTML 6Page - Analog Devices SMP04_15 Datasheet HTML 7Page - Analog Devices SMP04_15 Datasheet HTML 8Page - Analog Devices SMP04_15 Datasheet HTML 9Page - Analog Devices SMP04_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
–6–
SMP04
REV. D
TEMPERATURE – C
0
–1
–5
–55 –33
125
–15
5
25
65
85 105
45
–2
–3
–4
VDD = +12V
VSS = 0V
VIN = +5V
RL = 10k
Figure 10. Offset Voltage vs.
Temperature
FREQUENCY – Hz
2
1
–5
100
1k
10M
10k
100k
1M
–1
–2
–3
–4
0
PHASE
GAIN
90
45
0
–45
–90
–135
–180
–225
Figure 13. Gain, Phase Shift vs.
Frequency
VDD – Volts
7
1
46
18
8
10121416
6
5
4
3
2
–55 C
+25 C
+125 C
RL =
VSS = 0V
Figure 11. Supply Current vs. VDD
FREQUENCY – Hz
35
30
0
10
100
1M
1k
10k
100k
20
15
10
5
25
Figure 14. Output Impedance vs.
Frequency
FREQUENCY – Hz
90
80
0
10
100
1M
1k
10k
100k
40
30
20
10
70
50
60
+PSSR
–PSSR
VDD = +12V
VSS = 0V
VIN = +6V
Figure 12. Sample Mode
Power Supply Rejection
FREQUENCY – Hz
15
12
0
10k
100k
10M
TA = +25 C
VDD = +6V
VSS = –6V
1M
9
6
3
Figure 15. Maximum Output Voltage
vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com