Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7604 Datasheet(PDF) 3 Page - International Rectifier

Part # IRF7604
Description  Power MOSFET(Vdss=-20V, Rds(on)=0.09ohm)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7604 Datasheet(HTML) 3 Page - International Rectifier

  IRF7604 Datasheet HTML 1Page - International Rectifier IRF7604 Datasheet HTML 2Page - International Rectifier IRF7604 Datasheet HTML 3Page - International Rectifier IRF7604 Datasheet HTML 4Page - International Rectifier IRF7604 Datasheet HTML 5Page - International Rectifier IRF7604 Datasheet HTML 6Page - International Rectifier IRF7604 Datasheet HTML 7Page - International Rectifier IRF7604 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRF7604
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 2. Typical Output Characteristics
Fig 4. Normalized On-Resistance
Vs. Temperature
0.01
0.1
1
10
100
0.1
1
1 0
DS
20µ s P U LS E W ID TH
T = 25°C
A
-V
, D ra in-to-S o urc e V o ltage (V )
J
-1 .5 V
VGS
TOP
- 7.5V
- 5.0V
- 4.0V
- 3.5V
- 3.0V
- 2.5V
- 2.0V
BOTTOM - 1.5V
0.01
0.1
1
10
100
0.1
1
1 0
DS
20µ s P U LS E W ID TH
T = 150°C
A
-V
, D ra in-to-S o urc e V o ltage (V )
J
VGS
TOP
- 7.5V
- 5.0V
- 4.0V
- 3.5V
- 3.0V
- 2.5V
- 2.0V
BOTTOM - 1.5V
-1 .5 V
0.01
0.1
1
10
100
1.5
2.5
3.5
4.5
T = 25 °C
T = 150 °C
J
J
GS
A
-V
, G a te -to -S o u rc e V o lta g e (V )
V
= -10V
20 µs PULSE W ID T H
DS
0.0
0.5
1.0
1.5
2.0
-60
-40
-20
0
2 0
4 0
6 0
8 0
100
120
140
160
J
T
, J unc tion T em perature (°C )
A
I
= -2 .4 A
V
= -4 .5 V
D
GS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com