Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7604 Datasheet(PDF) 2 Page - International Rectifier

Part # IRF7604
Description  Power MOSFET(Vdss=-20V, Rds(on)=0.09ohm)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7604 Datasheet(HTML) 2 Page - International Rectifier

  IRF7604 Datasheet HTML 1Page - International Rectifier IRF7604 Datasheet HTML 2Page - International Rectifier IRF7604 Datasheet HTML 3Page - International Rectifier IRF7604 Datasheet HTML 4Page - International Rectifier IRF7604 Datasheet HTML 5Page - International Rectifier IRF7604 Datasheet HTML 6Page - International Rectifier IRF7604 Datasheet HTML 7Page - International Rectifier IRF7604 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRF7604
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-20
–––
–––
V
VGS = 0V, ID = -250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– -0.022 –––
V/°C
Reference to 25°C, ID = -1mA
–––
––– 0.090
VGS = -4.5V, ID = -2.4A
ƒ
–––
–––
0.13
VGS = -2.7V, ID = -1.2A
ƒ
VGS(th)
Gate Threshold Voltage
-0.70 –––
–––
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
2.6
–––
–––
S
VDS = -10V, ID = -1.2A
–––
–––
-1.0
VDS = -16V, VGS = 0V
–––
–––
-25
VDS = -16V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
–––
-100
VGS = -12V
Gate-to-Source Reverse Leakage
–––
–––
100
VGS = 12V
Qg
Total Gate Charge
–––
13
20
ID = -2.4A
Qgs
Gate-to-Source Charge
–––
2.6
3.9
nC
VDS = -16V
Qgd
Gate-to-Drain ("Miller") Charge
–––
5.6
9.0
VGS = -4.5V, See Fig. 6 and 9
ƒ
td(on)
Turn-On Delay Time
–––
17
–––
VDD = -10V
tr
Rise Time
–––
53
–––
ID = -2.4A
td(off)
Turn-Off Delay Time
–––
31
–––
RG = 6.0Ω
tf
Fall Time
–––
38
–––
RD = 4.0Ω, See Fig. 10
ƒ
Ciss
Input Capacitance
–––
590
–––
VGS = 0V
Coss
Output Capacitance
–––
330
–––
pF
VDS = -15V
Crss
Reverse Transfer Capacitance
–––
170
–––
ƒ = 1.0MHz, See Fig. 5
Ω
µA
nA
ns
IGSS
IDSS
Drain-to-Source Leakage Current
RDS(ON)
Static Drain-to-Source On-Resistance
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
‚ ISD ≤ -2.4A, di/dt ≤ -96A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C
ƒ Pulse width ≤ 300µs; duty cycle ≤ 2%.
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
-1.2
V
TJ = 25°C, IS = -2.4A, VGS = 0V
ƒ
trr
Reverse Recovery Time
–––
41
62
ns
TJ = 25°C, IF = -2.4A
Qrr
Reverse Recovery Charge
–––
38
57
nC
di/dt = 100A/µs
ƒ
Source-Drain Ratings and Characteristics
A
–––
–––
-19
–––
–––
-1.8
S
D
G
„ Surface mounted on FR-4 board, t ≤ 10sec.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com