Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7604 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7604
Description  Power MOSFET(Vdss=-20V, Rds(on)=0.09ohm)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7604 Datasheet(HTML) 1 Page - International Rectifier

  IRF7604 Datasheet HTML 1Page - International Rectifier IRF7604 Datasheet HTML 2Page - International Rectifier IRF7604 Datasheet HTML 3Page - International Rectifier IRF7604 Datasheet HTML 4Page - International Rectifier IRF7604 Datasheet HTML 5Page - International Rectifier IRF7604 Datasheet HTML 6Page - International Rectifier IRF7604 Datasheet HTML 7Page - International Rectifier IRF7604 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PD - 9.1263E
HEXFET® Power MOSFET
Top V iew
8
1
2
3
4
5
6
7
D
D
D
G
S
A
D
S
S
VDSS = -20V
RDS(on) = 0.09Ω
Fifth
Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This benefit,
combined with the fast switching speed and ruggedized
device design that HEXFET Power MOSFETs are well
known for, provides the designer with an extremely efficient
and reliable device for use in a wide variety of applications.
The new Micro8 package, with half the footprint area of the
standard SO-8, provides the smallest footprint available in
an SOIC outline. This makes the Micro8 an ideal device for
applications where printed circuit board space is at a
premium. The low profile (<1.1mm) of the Micro8 will allow
it to fit easily into extremely thin application environments
such as portable electronics and PCMCIA cards.
Mic ro 8
l Generation V Technology
l Ultra Low On-Resistance
l P-Channel MOSFET
l Very Small SOIC Package
l Low Profile (<1.1mm)
l Available in Tape & Reel
l Fast Switching
IRF7604
12/9/97
Description
Parameter
Max.
Units
ID @ TA = 25°C
Continuous Drain Current, VGS @ -4.5V
-3.6
ID @ TA = 70°C
Continuous Drain Current, VGS @ -4.5V
-2.9
A
IDM
Pulsed Drain Current

-19
PD @TA = 25°C
Power Dissipation
1.8
W
Linear Derating Factor
14
mW/°C
VGS
Gate-to-Source Voltage
± 12
V
dv/dt
Peak Diode Recovery dv/dt
‚
-5.0
V/ns
TJ,TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Absolute Maximum Ratings
All Micro8 Data Sheets reflect improved Thermal Resistance, Power and Current -Handling Ratings- effective
only for product marked with Date Code 505 or later .
Parameter
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient
„
–––
70
°C/W
Thermal Resistance


Similar Part No. - IRF7604

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7604PBF IRF-IRF7604PBF Datasheet
508Kb / 8P
HEXFET POWER MOSFET ( VDSS = -20V , RDS(on) = 0.09廓 )
More results

Similar Description - IRF7604

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5850 IRF-IRF5850 Datasheet
126Kb / 9P
Power MOSFET(Vdss=-20V, Rds(on)=0.135ohm)
IRF7401 IRF-IRF7401 Datasheet
118Kb / 9P
Power MOSFET(Vdss=20V, Rds(on)=0.022ohm)
IRF7451 IRF-IRF7451 Datasheet
209Kb / 8P
Power MOSFET(Vdss=150V, Rds(on)max=0.09ohm, Id=3.6A)
IRF7504 IRF-IRF7504 Datasheet
115Kb / 8P
Power MOSFET(Vdss=-20V, Rds(on)=0.27ohm)
IRF7530 IRF-IRF7530 Datasheet
83Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)=0.030ohm)
IRF7555 IRF-IRF7555 Datasheet
71Kb / 7P
Power MOSFET(Vdss=-20V, Rds(on)=0.055ohm)
IRF7606 IRF-IRF7606 Datasheet
102Kb / 8P
Power MOSFET(Vdss=-30V, Rds(on)=0.09ohm)
IRF7607 IRF-IRF7607 Datasheet
77Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)=0.030ohm)
IRF7663 IRF-IRF7663 Datasheet
77Kb / 7P
Power MOSFET(Vdss=-20V, Rds(on)=0.020ohm)
IRF7750 IRF-IRF7750 Datasheet
110Kb / 7P
Power MOSFET(Vdss=-20V, Rds(on)=0.030ohm)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com