Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7604 Datasheet(PDF) 4 Page - International Rectifier

Part # IRF7604
Description  Power MOSFET(Vdss=-20V, Rds(on)=0.09ohm)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7604 Datasheet(HTML) 4 Page - International Rectifier

  IRF7604 Datasheet HTML 1Page - International Rectifier IRF7604 Datasheet HTML 2Page - International Rectifier IRF7604 Datasheet HTML 3Page - International Rectifier IRF7604 Datasheet HTML 4Page - International Rectifier IRF7604 Datasheet HTML 5Page - International Rectifier IRF7604 Datasheet HTML 6Page - International Rectifier IRF7604 Datasheet HTML 7Page - International Rectifier IRF7604 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRF7604
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0
2
4
6
8
10
04
8
1 2
1 6
20
G
A
Q
, Tota l G ate C h arg e (n C )
I
= -2 .4 A
V
= -1 6 V
D
DS
F O R T E S T CIRCUIT
S EE F IGU R E 9
0.1
1
10
100
0.1
1
10
100
O P E R A T IO N IN T H IS A R E A L IM ITE D
B Y R DS (on)
T
= 2 5 °C
T
= 150°C
Sin g le Pu ls e
A
-V
, D rain-to -S ourc e V oltage (V )
DS
A
J
100µ s
1m s
10m s
0
200
400
600
800
1000
1200
1
1 0
100
A
DS
-V
, D rain-to -S ourc e V oltage (V )
V
= 0 V ,
f = 1 M H z
C
= C
+ C
, C
S H O R TE D
C
= C
C
= C
+ C
GS
iss
g s
gd
ds
rss
g d
o ss
ds
g d
C iss
C oss
C rss
0.1
1
10
100
0.4
0.6
0.8
1.0
1.2
T = 25°C
T = 150°C
J
J
V
= 0 V
GS
SD
A
-V
, S o urc e-to -D rain V o lta ge (V )
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com