Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7604 Datasheet(PDF) 7 Page - International Rectifier

Part # IRF7604
Description  Power MOSFET(Vdss=-20V, Rds(on)=0.09ohm)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7604 Datasheet(HTML) 7 Page - International Rectifier

  IRF7604 Datasheet HTML 1Page - International Rectifier IRF7604 Datasheet HTML 2Page - International Rectifier IRF7604 Datasheet HTML 3Page - International Rectifier IRF7604 Datasheet HTML 4Page - International Rectifier IRF7604 Datasheet HTML 5Page - International Rectifier IRF7604 Datasheet HTML 6Page - International Rectifier IRF7604 Datasheet HTML 7Page - International Rectifier IRF7604 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IRF7604
Package Outline
Micro8 Outline
Dimensions are shown in millimeters (inches)
Micro8
Part Marking Information
PAR T N U M BER
45 1
7501
TO P
EXAM PL E : T H IS IS AN IR F75 01
DA T E CO DE (YW W )
Y = LA S T D IG IT O F YE A R
W W = WE E K
A
INCHE S
M IL LIM E T E R S
M IN
M A X
M IN
M A X
A
0.10 (.00 4)
0.2 5 (.01 0)
M
A
M
H
1
2
3
4
8
7
6
5
D
- B -
3
3
E
- A -
e
6X
e 1
- C -
B
8X
0.0 8 (.0 0 3)
M
C
A S
B
S
A 1
L
8X
C
8X
θ
NO T ES:
1 DIM E N S IO NING AND T O L E RA NC IN G P E R ANS I Y1 4 .5 M -1 9 8 2 .
2 CON T RO L L ING DIM E N S IO N : IN C H .
3 DIM E N S IO NS DO NO T IN CL UD E M O L D F L A S H.
A
.0 36
.0 44
0 .9 1
1 .11
A 1
.0 04
.0 08
0 .1 0
0 .20
B
.0 10
.0 14
0 .2 5
0 .36
C
.005
.0 07
0 .13
0.18
D
.116
.1 20
2 .95
3.05
e
.0 256 BA SIC
0.65 BA S IC
e1
.0 128 BA SIC
0.33 BA S IC
E
.1 16
.1 20
2.9 5
3 .0 5
H
.188
.1 98
4 .78
5 .03
L
.0 16
.0 26
0 .4 1
0 .6 6
θ
0 °
6 °
0°
6°
DIM
LE AD AS S IG N M E N T S
SIN G L E
DU A L
D D D D
D1 D 1 D2 D 2
S S S G
S1 G 1 S2 G 2
1
2
3
4
1
2
3
4
8
7
6
5
8
7
6
5
RE C O M M E NDE D F O O T P R IN T
1.04
( .041 )
8X
0.38
( .0 15 )
8X
3.20
( .126 )
4.24
( .167 )
5.28
( .2 08 )
0.65
( .0256 )
6X



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com