Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6901 Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC6901
Description  200mA Negative Voltage Regulator with ON/OFF Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6901 Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC6901 Datasheet HTML 9Page - Torex Semiconductor XC6901 Datasheet HTML 10Page - Torex Semiconductor XC6901 Datasheet HTML 11Page - Torex Semiconductor XC6901 Datasheet HTML 12Page - Torex Semiconductor XC6901 Datasheet HTML 13Page - Torex Semiconductor XC6901 Datasheet HTML 14Page - Torex Semiconductor XC6901 Datasheet HTML 15Page - Torex Semiconductor XC6901 Datasheet HTML 16Page - Torex Semiconductor XC6901 Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
13/28
XC6901
Series
■
TYPICAL PERFORMANCE CHARACTERISTICS
XC6901x 331
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0
50 100 150 200 250 300 350 400 450
Output Current: IOUT [mA]
Ta=-40℃
Ta=25℃
Ta=85℃
VIN = -5.3V,VCE=1.5V
CIN = 1.0μF (ceramic), CL = 1.0μF (ceramic)
XC6901x 331
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0
50 100 150 200 250 300 350 400 450
Output Current: IOUT [mA]
VIN=-4.3V
VIN=-5.3V
VIN=-6.3V
Ta=25℃,VCE=1.5V
CIN = 1.0μF (ceramic), CL = 1.0μF (ceramic)
XC6901x 501
-6.0
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
0
50 100 150 200 250 300 350 400 450
Output Current: IOUT [mA]
Ta=-40℃
Ta=25℃
Ta=85℃
VIN = -7.0V,VCE=1.5V
CIN = 1.0μF (ceramic), CL = 1.0μF (ceramic)
XC6901x 501
-6.0
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
0
50 100 150 200 250 300 350 400 450
Output Current: IOUT [mA]
VIN=-6V
VIN=-7V
VIN=-8V
Ta=25℃,VCE=1.5V
CIN = 1.0μF (ceramic), CL = 1.0μF (ceramic)
XC6901x C01
-14.0
-12.0
-10.0
-8.0
-6.0
-4.0
-2.0
0.0
0
50 100 150 200 250 300 350 400 450
Output Current: IOUT [mA]
Ta=-40℃
Ta=25℃
Ta=85℃
VIN = -14V,VCE=1.5V
CIN = 1.0μF (ceramic), CL = 1.0μF (ceramic)
XC6901x C01
-14.0
-12.0
-10.0
-8.0
-6.0
-4.0
-2.0
0.0
0
50 100 150 200 250 300 350 400 450
Output Current: IOUT [mA]
VIN=-14V
VIN=-14.5V
Ta=25℃,VCE=1.5V
CIN = 1.0μF (ceramic), CL = 1.0μF (ceramic)
(1) Output Voltage vs. Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com