Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6901 Datasheet(PDF) 19 Page - Torex Semiconductor

Part # XC6901
Description  200mA Negative Voltage Regulator with ON/OFF Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6901 Datasheet(HTML) 19 Page - Torex Semiconductor

Back Button XC6901 Datasheet HTML 15Page - Torex Semiconductor XC6901 Datasheet HTML 16Page - Torex Semiconductor XC6901 Datasheet HTML 17Page - Torex Semiconductor XC6901 Datasheet HTML 18Page - Torex Semiconductor XC6901 Datasheet HTML 19Page - Torex Semiconductor XC6901 Datasheet HTML 20Page - Torex Semiconductor XC6901 Datasheet HTML 21Page - Torex Semiconductor XC6901 Datasheet HTML 22Page - Torex Semiconductor XC6901 Datasheet HTML 23Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
19/28
XC6901
Series
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(10) CE Rising Response Time (Continued)
XC6901x C01
-14.0
-12.0
-10.0
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
Time(200μs/div)
V
IN=-13V,IOUT=20mA,Ta=25℃
VCE=0⇒1.5V,tr=5μs,CL=1μF(ceramic)
Output Voltage
CE Voltage
X C69 01x33 1
-3.60
-3.55
-3.50
-3.45
-3.40
-3.35
-3.30
-3.25
-3.20
Time(100μs/div)
-8.0
-7.0
-6.0
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
Output Voltage
Input Voltage
V
IN =-4.3V⇔-5.3V,tr=tf=5μs,Ta=25℃,VCE=1.5V
IOUT=20mA,CL=1μF(ceramic)
XC6901x 501
-5.30
-5.25
-5.20
-5.15
-5.10
-5.05
-5.00
-4.95
-4.90
Time(100μs/div)
-7.5
-7.0
-6.5
-6.0
-5.5
-5.0
-4.5
-4.0
-3.5
Output Voltage
Input Voltage
V
IN =-6V⇔-7V,tr=tf=5μs,Ta=25℃,VCE=1.5V
I
OUT=20mA,CL=1μF(ceramic)
XC6901x C01
-12.25
-12.20
-12.15
-12.10
-12.05
-12.00
-11.95
-11.90
Time(100μs/div)
-14.5
-14.0
-13.5
-13.0
-12.5
-12.0
-11.5
-11.0
Output Voltage
Input Voltage
V
IN =-13V⇔-14V,tr=tf=5μs,Ta=25℃,VCE=1.5V
IOUT=20mA,CL=1μF(ceramic)
(11) Input Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com