Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6901 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6901
Description  200mA Negative Voltage Regulator with ON/OFF Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6901 Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6901 Datasheet HTML 1Page - Torex Semiconductor XC6901 Datasheet HTML 2Page - Torex Semiconductor XC6901 Datasheet HTML 3Page - Torex Semiconductor XC6901 Datasheet HTML 4Page - Torex Semiconductor XC6901 Datasheet HTML 5Page - Torex Semiconductor XC6901 Datasheet HTML 6Page - Torex Semiconductor XC6901 Datasheet HTML 7Page - Torex Semiconductor XC6901 Datasheet HTML 8Page - Torex Semiconductor XC6901 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3/28
XC6901
Series
■
PRODUCT CLASSIFICATION
●
Ordering Information
XC6901①②③④⑤⑥-⑦
(*1) ON/OFF Control Voltage Regulator (CE Active High)
DESIGNATOR
ITEM
SYMBOL
DESCRIPTION
①
Type
(*2)
D
CE Pull-down resistor
CL Auto-discharge
②③
Output Voltage
09~C0
-0.9V~-12V
e.g. -0.9V→②=0, ③=9, -12V→②=C, ③=0
A:10, B:11, C:12
1
0.10V Increments
e.g. -1.2V→②=1, ③=2, ④=1
④
Output Type
B
0.05V Increments for -0.95V~-4.95V
e.g. -1.25V→②=1, ③=2, ④=B
ER-G
USP-6C (3,000/Reel)
MR-G
SOT-25 (3,000/Reel)
⑤⑥-⑦
Packages
(Order Unit)
PR-G
SOT-89-5 (1,000/Reel)
(*1) The “-G” suffix denotes Halogen and Antimony free as well as being fully EU RoHS compliant.
(*2) For the type without CL auto-discharge, please contact your local Torex sales office or representative.
■
STANDARD VOLTAGE
●
Examples for standard voltage
PACKAGES
VOUT
(V)
USP-6C
SOT-25
SOT-89-5
-1.2V
XC6901D121ER-G
XC6901D121MR-G
XC6901D121PR-G
-2.5V
XC6901D251ER-G
XC6901D251MR-G
XC6901D251PR-G
-2.6V
XC6901D261ER-G
XC6901D261MR-G
XC6901D261PR-G
-3.0V
XC6901D301ER-G
XC6901D301MR-G
XC6901D301PR-G
-3.3V
XC6901D331ER-G
XC6901D331MR-G
XC6901D331PR-G
-4.0V
XC6901D401ER-G
XC6901D401MR-G
XC6901D401PR-G
-4.5V
XC6901D451ER-G
XC6901D451MR-G
XC6901D451PR-G
-5.0V
XC6901D501ER-G
XC6901D501MR-G
XC6901D501PR-G
-6.0V
XC6901D601ER-G
XC6901D601MR-G
XC6901D601PR-G
-12.0V
XC6901DC01ER-G
XC6901DC01MR-G
XC6901DC01PR-G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com