Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6901 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6901
Description  200mA Negative Voltage Regulator with ON/OFF Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6901 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6901 Datasheet HTML 1Page - Torex Semiconductor XC6901 Datasheet HTML 2Page - Torex Semiconductor XC6901 Datasheet HTML 3Page - Torex Semiconductor XC6901 Datasheet HTML 4Page - Torex Semiconductor XC6901 Datasheet HTML 5Page - Torex Semiconductor XC6901 Datasheet HTML 6Page - Torex Semiconductor XC6901 Datasheet HTML 7Page - Torex Semiconductor XC6901 Datasheet HTML 8Page - Torex Semiconductor XC6901 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2/28
XC6901 Series
■
PIN CONFIGURATION
■
PIN ASSIGNMENT
PIN NUMBER
USP-6C
SOT-25
SOT-89-5
PIN NAME
FUNCTIONS
1
5
5
-VOUT
Negative Output
2,5
4
1
NC
No Connection
3
2
2
-VIN
Negative Supply Input
4
3
3
CE
ON/OFF Control
6
1
4
GND
Ground
■
FUNCTION CHART
XC6901 Series D type
PIN NAME
SIGNAL
STATUS
L
Stand-by
H
Active
CE
OPEN
Stand-by
* The dissipation pad for the USP-6C package should be solder-plated in recommended mount pattern and metal masking to enhance
mounting strength and heat release. If the pad needs to be connected to other pins, it should be connected to the -VIN (No. 3) pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com