Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6901 Datasheet(PDF) 21 Page - Torex Semiconductor

Part # XC6901
Description  200mA Negative Voltage Regulator with ON/OFF Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6901 Datasheet(HTML) 21 Page - Torex Semiconductor

Back Button XC6901 Datasheet HTML 17Page - Torex Semiconductor XC6901 Datasheet HTML 18Page - Torex Semiconductor XC6901 Datasheet HTML 19Page - Torex Semiconductor XC6901 Datasheet HTML 20Page - Torex Semiconductor XC6901 Datasheet HTML 21Page - Torex Semiconductor XC6901 Datasheet HTML 22Page - Torex Semiconductor XC6901 Datasheet HTML 23Page - Torex Semiconductor XC6901 Datasheet HTML 24Page - Torex Semiconductor XC6901 Datasheet HTML 25Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21/28
XC6901
Series
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(13) Ripple Rejection Rate (Continued)
XC6901x C01
0
10
20
30
40
50
60
10
100
1k
10k
100k
Ripple Frequency: f [Hz]
Iout=1mA
Iout=20mA
Ta=25℃,V
IN=-13V+0.5Vp-pAC
V
CE=1.5V,CL=1μF(ceramic)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com