Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS9213 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # PS9213
Description  1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 5.5 mm
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9213 Datasheet(HTML) 4 Page - Renesas Technology Corp

  PS9213 Datasheet HTML 1Page - Renesas Technology Corp PS9213 Datasheet HTML 2Page - Renesas Technology Corp PS9213 Datasheet HTML 3Page - Renesas Technology Corp PS9213 Datasheet HTML 4Page - Renesas Technology Corp PS9213 Datasheet HTML 5Page - Renesas Technology Corp PS9213 Datasheet HTML 6Page - Renesas Technology Corp PS9213 Datasheet HTML 7Page - Renesas Technology Corp PS9213 Datasheet HTML 8Page - Renesas Technology Corp PS9213 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Data Sheet PN10535EJ04V0DS
2
PS9213
PACKAGE DIMENSIONS (UNIT: mm)
1.27
0.4±0.05
0.25 M
5.193±0.2
7.0±0.2
5.6
+0.3
–0.1
5.83±0.2
1.33±0.2
0.5±0.3
MARKING EXAMPLE
L
8
31
PS9213
NL831
Week Assembled
Year Assembled
(Last 1 Digit)
Rank Code
Assembly Lot
No. 1 pin Mark
N
In-house Code (L:Pb-Free)
T
8
31
PS9213
NT831
Week Assembled
Year Assembled
(Last 1 Digit)
Rank Code
No. 1 pin Mark
N
In-house Code (T:Pb-Free)
SnBi PLATING
Ni/Pd/Au PLATING
Assembly Lot
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com