Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS9213 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # PS9213
Description  1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 5.5 mm
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9213 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button PS9213 Datasheet HTML 7Page - Renesas Technology Corp PS9213 Datasheet HTML 8Page - Renesas Technology Corp PS9213 Datasheet HTML 9Page - Renesas Technology Corp PS9213 Datasheet HTML 10Page - Renesas Technology Corp PS9213 Datasheet HTML 11Page - Renesas Technology Corp PS9213 Datasheet HTML 12Page - Renesas Technology Corp PS9213 Datasheet HTML 13Page - Renesas Technology Corp PS9213 Datasheet HTML 14Page - Renesas Technology Corp PS9213 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Data Sheet PN10535EJ04V0DS
9
PS9213
IF = 10 mA,
VCC = 15 V,
CL = 100 pF
IF = 10 mA,
VCC = 5 V,
CL = 15 pF
0
5
10
15
20
25
50
100
150
200
250
300
350
400
450
500
0
010
20
30
40
50
–200
200
0
400
800
600
1 000
tPHL
tPLH
tPHL
tPLH
tPLH – tPHL
tPLH – tPHL
Load Resistance RL (k
Ω)
PROPAGATION DELAY TIME,
MAXIMUM PROPAGATION DELAYS
vs. LOAD RESISTANCE
Load Resistance RL (k
Ω)
PROPAGATION DELAY TIME,
MAXIMUM PROPAGATION DELAYS
vs. LOAD RESISTANCE
Remark The graphs indicate nominal characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com