Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS9213 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # PS9213
Description  1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 5.5 mm
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9213 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button PS9213 Datasheet HTML 6Page - Renesas Technology Corp PS9213 Datasheet HTML 7Page - Renesas Technology Corp PS9213 Datasheet HTML 8Page - Renesas Technology Corp PS9213 Datasheet HTML 9Page - Renesas Technology Corp PS9213 Datasheet HTML 10Page - Renesas Technology Corp PS9213 Datasheet HTML 11Page - Renesas Technology Corp PS9213 Datasheet HTML 12Page - Renesas Technology Corp PS9213 Datasheet HTML 13Page - Renesas Technology Corp PS9213 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Data Sheet PN10535EJ04V0DS
8
PS9213
Forward Current IF (mA)
Ambient Temperature TA (˚C)
0
5
10
15
20
–40
–20
0
20
40
60
80
100
Load Capacitance CL (pF)
0
100
200
300
400
500
600
700
0.70
0.80
0.75
0.85
0.95
1.05
0.90
1.00
1.10
IF = 10 mA,
VCC = 15 V,
CL = 100 pF,
RL = 20 k
Ω
IF = 10 mA,
VO = 0.6 V
IF = 10 mA,
CL = 100 pF,
RL = 20 k
Ω
VCC = 15 V,
CL = 100 pF,
RL = 20 k
Ω
IF = 10 mA,
VCC = 15 V,
RL = 20 k
Ω
–40
–20
0
20
40
60
80
100
0
100
200
300
400
500
600
700
0
200
400
600
800
1 000
1 200
1 400
1 600
0
100
200
300
400
500
010
20
30
40
0
200
400
600
800
1 000
1 200
1 400
1 600
1 800
–200
tPHL
tPLH
tPLH – tPHL
PWD
tPHL
tPLH
tPLH – tPHL
tPHL
tPLH
tPLH
tPHL
Forward Current IF (mA)
PROPAGATION DELAY TIME,
MAXIMUM PROPAGATION DELAYS
vs. FORWARD CURRENT
Ambient Temperature TA (˚C)
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. AMBIENT TEMPERATURE
Supply Voltage VCC (V)
PROPAGATION DELAY TIME,
MAXIMUM PROPAGATION DELAYS
vs. SUPPLY VOLTAGE
PROPAGATION DELAY TIME vs.
LOAD CAPACITANCE
OUTPUT CURRENT vs. FORWARD CURRENT
OUTPUT CURRENT vs.
AMBIENT TEMPERATURE
0
5
10
15
20
0
2
4
6
8
10
12
14
VO = 0.6 V
–40˚C
+100˚C
TA = +25˚C
Remark The graphs indicate nominal characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com