Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS9213 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # PS9213
Description  1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 5.5 mm
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9213 Datasheet(HTML) 3 Page - Renesas Technology Corp

  PS9213 Datasheet HTML 1Page - Renesas Technology Corp PS9213 Datasheet HTML 2Page - Renesas Technology Corp PS9213 Datasheet HTML 3Page - Renesas Technology Corp PS9213 Datasheet HTML 4Page - Renesas Technology Corp PS9213 Datasheet HTML 5Page - Renesas Technology Corp PS9213 Datasheet HTML 6Page - Renesas Technology Corp PS9213 Datasheet HTML 7Page - Renesas Technology Corp PS9213 Datasheet HTML 8Page - Renesas Technology Corp PS9213 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
PHOTOCOUPLER
PS9213
1 Mbps, OPEN COLLECTOR OUTPUT
HIGH CMR, INTELLIGENT POWER MODULE
5-PIN SOP PHOTOCOUPLER
FOR CREEPAGE DISTANCE OF 5.5 mm
−NEPOC Series−
Document No. PN10535EJ04V0DS (4th edition)
Date Published August 2008 NS
Printed in Japan
2004, 2008
1. Anode
2. Cathode
3. GND
4. VO
5. VCC
PIN CONNECTION
(Top View)
53
12
4
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
DESCRIPTION
The PS9213 is an optically coupled isolator containing a GaAlAs LED on the input side and a photo diode and a
signal processing circuit on the output side on one chip.
The PS9213 is designed specifically for high common mode transient immunity (CMR) and low pulse width
distortion with operating temperature. It is suitable for IPM drive.
FEATURES
• Long creepage distance (5.5 mm MIN.)
• High common mode transient immunity (CMH, CML =
±15 kV/
μs MIN.)
• High-speed response (tPHL = 500 ns MAX., tPLH = 750 ns MAX.)
• Maximum propagation delays (tPLH
− tPHL = 270 ns TYP.)
• Pulse width distortion ( tPHL
− tPLH = 270 ns TYP.)
• Ordering number of taping product: PS9213-F3, F4: 2 500 pcs/reel
• Pb-Free product
• Safety standards
• UL approved: File No. E72422
• DIN EN60747-5-2 (VDE0884 Part2) approved No.40008347 (Option)
APPLICATIONS
• IPM Driver
• General purpose inverter
TRUTH TABLE
LED
Output
ON
L
OFF
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com