Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS9213 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # PS9213
Description  1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 5.5 mm
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9213 Datasheet(HTML) 1 Page - Renesas Technology Corp

  PS9213 Datasheet HTML 1Page - Renesas Technology Corp PS9213 Datasheet HTML 2Page - Renesas Technology Corp PS9213 Datasheet HTML 3Page - Renesas Technology Corp PS9213 Datasheet HTML 4Page - Renesas Technology Corp PS9213 Datasheet HTML 5Page - Renesas Technology Corp PS9213 Datasheet HTML 6Page - Renesas Technology Corp PS9213 Datasheet HTML 7Page - Renesas Technology Corp PS9213 Datasheet HTML 8Page - Renesas Technology Corp PS9213 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
To our customers,
Old Company Name in Catalogs and Other Documents
On April 1st, 2010, NEC Electronics Corporation merged with Renesas Technology
Corporation, and Renesas Electronics Corporation took over all the business of both
companies. Therefore, although the old company name remains in this document, it is a valid
Renesas Electronics document. We appreciate your understanding.
Renesas Electronics website: http://www.renesas.com
April 1st, 2010
Renesas Electronics Corporation
Issued by:
Renesas Electronics Corporation (http://www.renesas.com)
Send any inquiries to http://www.renesas.com/inquiry.


Similar Part No. - PS9213

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9213 CEL-PS9213 Datasheet
397Kb / 13P
PHOTOCOUPLER
PS9213 CEL-PS9213 Datasheet
256Kb / 16P
1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE
PS9213-A CEL-PS9213-A Datasheet
397Kb / 13P
PHOTOCOUPLER
PS9213-A CEL-PS9213-A Datasheet
256Kb / 16P
1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE
PS9213-AX CEL-PS9213-AX Datasheet
256Kb / 16P
1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE
More results

Similar Description - PS9213

ManufacturerPart #DatasheetDescription
logo
NEC
PS9113 NEC-PS9113 Datasheet
240Kb / 14P
1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS9214 CEL-PS9214 Datasheet
408Kb / 12P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 5.5 mm
PS9313L CEL-PS9313L Datasheet
228Kb / 17P
1 Mbps, OPEN COLLECTOR OUTPUT TYPE, HIGH CMR, INTELLIGENT POWER MODULE DRIVE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
PS9113 CEL-PS9113 Datasheet
254Kb / 16P
1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9214_V1 CEL-PS9214_V1 Datasheet
872Kb / 15P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 5.5 mm
logo
Renesas Technology Corp
PS9113 RENESAS-PS9113_15 Datasheet
284Kb / 18P
1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9313L RENESAS-PS9313L Datasheet
181Kb / 16P
1 Mbps, OPEN COLLECTOR OUTPUT TYPE HIGH CMR, INTELLIGENT POWER MODULE DRIVE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
PS9113 RENESAS-PS9113_16 Datasheet
373Kb / 16P
1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9001 RENESAS-PS9001 Datasheet
859Kb / 16P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (LSO5 WITH 8mm CREEPAGE DISTANCE) PHOTOCOUPLER
PS9214 RENESAS-PS9214 Datasheet
308Kb / 17P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 5.5 mm
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com