Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFBA22N50 Datasheet(PDF) 1 Page - International Rectifier

Part # IRFBA22N50
Description  Power MOSFET(Vdss=500V, Rds(on)max=0.23ohm, Id=24A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFBA22N50 Datasheet(HTML) 1 Page - International Rectifier

  IRFBA22N50 Datasheet HTML 1Page - International Rectifier IRFBA22N50 Datasheet HTML 2Page - International Rectifier IRFBA22N50 Datasheet HTML 3Page - International Rectifier IRFBA22N50 Datasheet HTML 4Page - International Rectifier IRFBA22N50 Datasheet HTML 5Page - International Rectifier IRFBA22N50 Datasheet HTML 6Page - International Rectifier IRFBA22N50 Datasheet HTML 7Page - International Rectifier IRFBA22N50 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRFBA22N50A
12/12/00
www.irf.com
1
SMPS MOSFET
HEXFET® Power MOSFET
l Switch Mode Power Supply ( SMPS )
l Uninterruptible Power Supply
l High Speed Power Switching
Benefits
Applications
l Low Gate Charge Qg results in Simple
Drive Requirement
l Improved Gate, Avalanche and Dynamic
dv/dt Ruggedness
l Fully Characterized Capacitance and
Avalanche Voltage and Current
l Effective Coss Specified (See AN1001)
VDSS
RDS(on) max
ID
500V
0.23
Ω
24A
Applicable Off Line SMPS Topologies:
l Full Bridge Converters
l Power Factor Correction Boost
Notes
 through … are on page 8
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
24
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
15
A
IDM
Pulsed Drain Current

96
PD @TC = 25°C
Power Dissipation
340
W
Linear Derating Factor
2.7
W/°C
VGS
Gate-to-Source Voltage
± 30
V
dv/dt
Peak Diode Recovery dv/dt
ƒ
3.4
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Recommended clip force
20
N
Absolute Maximum Ratings
Super-220™
(TO-273AA)
PD-91866B


Similar Part No. - IRFBA22N50

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA22N50APBF IRF-IRFBA22N50APBF Datasheet
146Kb / 9P
HEXFET짰Power MOSFET
More results

Similar Description - IRFBA22N50

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF830AS IRF-IRF830AS Datasheet
155Kb / 10P
Power MOSFET(Vdss=500V, Rds(on)max=1.40ohm, Id=5.0A)
IRF840A IRF-IRF840A Datasheet
89Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.85ohm, Id=8.0A)
IRFB11N50A IRF-IRFB11N50A Datasheet
100Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=11A)
IRFB23N20D IRF-IRFB23N20D Datasheet
196Kb / 11P
Power MOSFET(Vdss=200V, Rds(on)max=0.10ohm, Id=24A)
IRFIB7N50A IRF-IRFIB7N50A Datasheet
96Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=6.6A)
IRFP22N50A IRF-IRFP22N50A Datasheet
103Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.23ohm, Id=22A)
IRFP450A IRF-IRFP450A Datasheet
101Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.40ohm, Id=14A)
IRFP460A IRF-IRFP460A Datasheet
95Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A)
IRFP460AS IRF-IRFP460AS Datasheet
115Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A)
IRFPS37N50A IRF-IRFPS37N50A Datasheet
115Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.13ohm, Id=36A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com