Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2149 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2149
Description  INTEGRATED BUSHOLD CIRCUITRY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2149 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2149 Datasheet HTML 1Page - STMicroelectronics AN2149 Datasheet HTML 2Page - STMicroelectronics AN2149 Datasheet HTML 3Page - STMicroelectronics AN2149 Datasheet HTML 4Page - STMicroelectronics AN2149 Datasheet HTML 5Page - STMicroelectronics AN2149 Datasheet HTML 6Page - STMicroelectronics AN2149 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
May 2005
AN2149
APPLICATION NOTE
INTEGRATED BUSHOLD CIRCUITRY
Rev. 1
1. ABSTRACT
Unused CMOS inputs which are left floating will experience a gradual charging of the gate input
capacitance. A floating input may see an increase in static current, as both the NMOS and PMOS outputs
will turn on and conduct current simultaneously. Or, if the gate voltage reaches the threshold level with
voltages between 0.8V and 2.0V applied to the inputs, the outputs will tend to oscillate. Large numbers of
gates left floating, in a 16 bit bus driver for example, will cause large amounts of current to be drawn by
the IC. The floating gate charges up at a rate determined by its leakage current. Intermittent or random
circuit errors may be seen with floating inputs, as outputs switch to a different state for no apparent reason.
A common solution for this is to connect the floating inputs to VCC or to ground through a pull-up or pull-
down resistor. The disadvantage of this is an extra component needed as well as extra board space, and
the resistor dissipates extra power. Hence, this pull-up resistor method is recommended for ac-powered
systems and not for battery-operated equipment where power consumption is critical. Instead, a special
feature called Bus hold circuit is used.
Bus hold is an improved version of the internal pull-up resistor. It is a weak latch that recalls the last valid
state of a pin when it is three-stated. Bus hold provides a small positive feedback current on device inputs.
When an input changes logic state, the bus-hold circuit will return a small current back to the device input,
effectively adding to the transition of the input. This positive feedback will then hold the final logic level until
an active driver toggles the input voltage to the opposite logic state, where bus-hold will then again hold
the logic state. A number of logic families use an integrated bus hold circuit which eliminates the need for
external resistors and saves board space. The circuit is shown in figure 1:
Figure 1. Generic Bus Hold Circuitry
2. ADVANTAGES OF BUS HOLD
- Reduces part count by eliminating the pull-up resistors
- Saves board space
- Prevents floating busses and thereby avoids device oscillations.
- Reduces bus loading
- Does not toggle the bus when the bus is released
- Reduces power dissipation
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - AN2149

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN214 PANASONIC-AN214 Datasheet
108Kb / 6P
CCD Video Camera Signal Processor ICs
logo
List of Unclassifed Man...
AN214 ETC2-AN214 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Panasonic Semiconductor
AN2141 PANASONIC-AN2141 Datasheet
210Kb / 5P
Video Camera Luminance Signal Processing Circuit
logo
STMicroelectronics
AN2141 STMICROELECTRONICS-AN2141 Datasheet
310Kb / 18P
LED array reference design board
22-Jan-2008
AN2142 STMICROELECTRONICS-AN2142 Datasheet
705Kb / 16P
This document provides an introduction to the Tasking toolchain
24-Sep-2013
More results

Similar Description - AN2149

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CN7221 CONEXANT-CN7221 Datasheet
238Kb / 18P
Home Networking Physical Layer Device with Integrated Analog Front End Circuitry
logo
Molex Electronics Ltd.
86401 MOLEX-86401 Datasheet
97Kb / 1P
FlexPlane??Optical Circuitry
106401-0000 MOLEX-106401-0000 Datasheet
2Mb / 4P
FlexPlaneTM Optical Circuitry
logo
Texas Instruments
ADS79XXEVM TI1-ADS79XXEVM Datasheet
1Mb / 32P
Contains all support circuitry needed
logo
List of Unclassifed Man...
KPEG242 ETC2-KPEG242 Datasheet
150Kb / 2P
Piezo Indicator (internal Circuitry Type)
logo
RF Micro Devices
SGC6489Z RFMD-SGC6489Z Datasheet
391Kb / 6P
Patented Self Bias Circuitry
logo
Integrated Silicon Solu...
IS31AP4915A ISSI-IS31AP4915A Datasheet
315Kb / 9P
Pop reduction circuitry
logo
Analog Devices
EVAL-ADUM4135EBZ AD-EVAL-ADUM4135EBZ Datasheet
470Kb / 6P
Desaturation protection circuitry
Rev. 0
logo
Laird Tech Smart Techno...
SQUINT LSTD-SQUINT Datasheet
641Kb / 1P
High quality etched copper circuitry
logo
TT Electronics.
OCB100 TTELEC-OCB100 Datasheet
446Kb / 4P
Automatic Calibration Circuitry
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com