Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2149 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2149
Description  INTEGRATED BUSHOLD CIRCUITRY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2149 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2149 Datasheet HTML 1Page - STMicroelectronics AN2149 Datasheet HTML 2Page - STMicroelectronics AN2149 Datasheet HTML 3Page - STMicroelectronics AN2149 Datasheet HTML 4Page - STMicroelectronics AN2149 Datasheet HTML 5Page - STMicroelectronics AN2149 Datasheet HTML 6Page - STMicroelectronics AN2149 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
5/7
AN2149 - APPLICATION NOTE
Figure 5. Typical Bus Hold Characteristics of 74VCXH1632245 and the Effect of Various Pull-up
Resistor Values
6. CONCLUSION
To summarize, an optimum pull-up resistor should be high enough to keep the power dissipation low, but
at the same time low enough to switch logic states within the time required. More importantly, it should
guarantee that the voltage level on the bus is a valid logic state. Due to such complex influencing factors,
it is strongly recommended to avoid using pull-up resistors on bus-hold inputs unless absolutely
necessary.
Components with bus-hold offer several advantages over the use of external pull-up or pull-down
resistors. The bus-hold circuit holds the last known valid state of the input when the bus starts to float. It
acts as a weak clamp at the output and maintains the last known state. Since it is weak, it requires only a
relatively small current to keep the input in the required state. The bus-hold also does not need much
current to overcome the clamp once an active driver toggles the input. In this way, bus hold circuitry
effectively replaces pull-up resistors, reducing power dissipation and increasing the savings on space and
component costs.
-0.0004
-0.0002
0
0.0002
0.0004
0.0006
0.0008
0.001
0.0012
5K pull-up resistor
8K pull-up resistor
10K pull-up resistor
Typical Bus hold
3.6K pull-up resistor



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com