Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2149 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2149
Description  INTEGRATED BUSHOLD CIRCUITRY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2149 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2149 Datasheet HTML 1Page - STMicroelectronics AN2149 Datasheet HTML 2Page - STMicroelectronics AN2149 Datasheet HTML 3Page - STMicroelectronics AN2149 Datasheet HTML 4Page - STMicroelectronics AN2149 Datasheet HTML 5Page - STMicroelectronics AN2149 Datasheet HTML 6Page - STMicroelectronics AN2149 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
AN2149 - APPLICATION NOTE
4/7
If the initial state of the bus-hold circuitry is "High" and the driver is pulling the line LOW, the pull-up
resistors contend with the driver. Then the output driver has to sink enough current to overcome the pull-
up resistor in addition to the hold current of the bus-hold circuit.
In some applications, the bus should become HIGH when all the outputs driving the bus are in tri-state.
This is normally accomplished using a pull-up resistor. As the pull-up resistor value increases, the over
drive current required to toggle the logic state also increases. The driver has to sink/source more current
to power up the bus-hold device that is held LOW initially.
The bus with pull-up can be modeled as an RC circuit with the bus and interconnect capacitance given by
C. The worst case value of a pull-up resistor is calculated using the maximum over-drive current
guaranteed by the device. RT can be computed as:
Figure 4. RC Circuit at Input of Bus Hold Circuitry
RT
£ (Vcc - Vth) / IIHOLDMAX
For example, as in the case of 74VCXH1632245, for VCC = 3.6V, threshold voltage Vth = 1.8V and
IIHOLDMAX = 500
mA, the pull-up resistor of the RC circuit should not be more than 3.6 kW .
If the resistor size is increased beyond RT, the bus-hold latch will prevent the capacitor from being charged
to a voltage that is high enough to override the bus-hold.
Therefore, the circuit will never transition out of the initial LOW state into the required HIGH state. Having
a high value pull-up resistor also increases the switching time of the device as the RC time constant
increases and the overdrive current sunk/sourced by the bus hold driver is increased. This calculation
holds true when a resistor is pulling a switch or other device up from ground.
This effect is also demonstrated graphically. Figure 5 shows the typical bus-hold characteristics and the
effect of various pull-up resistors on the circuit. The maximum current here is at the most 250
mA. So, as
for calculations done earlier, the pull-up resistor should not exceed 7 or 8 k
W .
For pull-up resistors less than 8 k
W, there is no intersection of the load line with the bus-hold
characteristics. So there is no problem in pulling up an initial low state bus-hold to logic high as required.
For larger resistance values, the load line intersects the bus-hold characteristics and the intersection point
becomes the maximum voltage level up to which the bus hold is pulled up from LOW. The input is never
pulled HIGH beyond this point.
There is a consequent increase in the bus-hold sustaining current to hold the device in the last valid logic
state against the influence of the pull-up resistor, thereby increasing the current consumption.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com