Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2149 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN2149
Description  INTEGRATED BUSHOLD CIRCUITRY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2149 Datasheet(HTML) 2 Page - STMicroelectronics

  AN2149 Datasheet HTML 1Page - STMicroelectronics AN2149 Datasheet HTML 2Page - STMicroelectronics AN2149 Datasheet HTML 3Page - STMicroelectronics AN2149 Datasheet HTML 4Page - STMicroelectronics AN2149 Datasheet HTML 5Page - STMicroelectronics AN2149 Datasheet HTML 6Page - STMicroelectronics AN2149 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
AN2149 - APPLICATION NOTE
2/7
Bus hold circuitry holds the input of the devices at the last known state. This feature eliminates the need
for using pull-up resistors to prevent the device inputs from floating and causing potential system errors.
Eliminating pull-up resistors significantly reduces part count and assembly costs. Thus, the bus hold
option is particularly important in applications where space and cost are at a premium and the elimination
of pull-up resistors is a possibility.
In floating inputs, there is a possibility that the external bias appearing on the input buffer makes the buffer
operate around its threshold point. In such cases, the floating inputs might start oscillating.Since a floating
input has very high impedance, noise injected from other components on the board can cause the input
to move around the threshold point of the input buffer. Each time the input voltage crosses the threshold
point, the input buffer changes state, adding noise to the system which can potentially cause the device
to oscillate. These oscillations can also increase the power consumption of the device. The heat
dissipation thereof might also damage the device.
Adding a pull-up resistor adds bus loading every time the bus toggles low. With bus-hold, the devices are
optimally sized to reduce loading on the bus. Once the transition has been made through the toggle point,
the bus-hold input will be assisting the driver rather than fighting it and causing a current drain. This way,
it consumes much less current compared to a circuit with a pull-up resistor when the device switches low.
In other words, it is easier to overdrive a bus-hold input than to drive a pull-up resistor of equivalent value
LOW.
When using pull-up resistors, the bus will be pulled high when released, causing unnecessary transitions
where the logic was initially LOW. Bus-hold components always retain the last known state, thus avoiding
transitions. Thus, there is no toggling when the bus is released.
In all power sensitive applications, the current leakage of the pull-up resistor (when the bus is low) can be
avoided with a bus-hold input. Also, since the input will avoid unnecessary transitions through the input
threshold, the device power dissipation will be reduced (
DIcc).
3. CIRCUIT OPERATION
The Integrated Bus-hold circuits act like dynamic pull-up/pull-down resistors as follows (Refer to figure 2):
- When the input is “low”, the output of the inverter is "high" so that the lower NMOS is ON and acts like a
pull-down resistor.
- When the input is "high", the output of the inverter is "low" so that the upper PMOS is activated and acts
like a pull-up resistor.
Figure 2. Bus Hold Schematic Representation



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com