Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2149 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2149
Description  INTEGRATED BUSHOLD CIRCUITRY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2149 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2149 Datasheet HTML 1Page - STMicroelectronics AN2149 Datasheet HTML 2Page - STMicroelectronics AN2149 Datasheet HTML 3Page - STMicroelectronics AN2149 Datasheet HTML 4Page - STMicroelectronics AN2149 Datasheet HTML 5Page - STMicroelectronics AN2149 Datasheet HTML 6Page - STMicroelectronics AN2149 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
3/7
AN2149 - APPLICATION NOTE
When the input voltage rises, the input current flowing into the circuit slowly increases, since the NMOS
is conducting. Around the threshold of the CMOS, the PMOS starts conducting and NMOS stops
conducting. At that point, the input current reverses direction and starts flowing out of the circuit. As the
input voltage continues to increase, the current slowly decreases till the input voltage reaches VCC.
While the input remains below VCC, the bulk terminal of the PMOS remains connected to VCC. When the
input exceeds VCC by 0.7V, the bulk terminal is switched to the input. This mechanism prevents the input
over-voltage from affecting the VCC.
4. ELECTRICAL SPECIFICATION
Bus-hold specifications identify the current required to sustain the logic at the threshold levels (Vih and Vih)
and the overdrive current required to toggle the logic state of the device when there is a genuine signal
from an external driver. The input current levels of a bus-hold circuit should approach zero when the input
voltage approaches zero or VCC. As shown in Figure 3, current levels are at the highest near the input
toggle point as the bus hold circuit attempts to pull the device away from the threshold region.
The Bus hold current is specified as II(HOLD) for sustaining both LOW and HIGH states. For the VCXH
family, the sustaining current is normally ±75
mA minimum.
II(HOLD) = - 75
mA implies the minimum current the bus hold circuit is guaranteed to sink if a logic LOW
input is raised to 0.8V
II(HOLD) = + 75
mA implies the minimum current the bus hold circuit is guaranteed to source if a logic HIGH
input is lowered to 2.0V
II(HOLD) = ± 500
mA implies the maximum current that the external driver has to sink/source to switch a
bus-hold input from logic HIGH to LOW or vice versa.
Figure 3. Bus Hold Characteristics for VCXH Family at VCC = 3.0V
If "n" bus-hold enabled inputs are tied to a data-bus, the bus driver should be capable of driving (n x 500
mA), as the overdrive currents are additive for every bus-hold circuit on a data-bus.
5. EXTERNAL RESISTOR WITH BUS HOLD CIRUITRY
Pull-up resistors should not be used with an IC that has bus-hold circuitry on its input pins. Adding a pull-
up resistor to a pin with bus-hold will cause higher than necessary current demand on the bus-hold driver.
If the pull-up resistor is weak, it would not be able to switch the logic state from initial low to high in the
time required.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com