Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2653 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2653
Description  Operational amplifier stability compensation methods
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2653 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2653 Datasheet HTML 9Page - STMicroelectronics AN2653 Datasheet HTML 10Page - STMicroelectronics AN2653 Datasheet HTML 11Page - STMicroelectronics AN2653 Datasheet HTML 12Page - STMicroelectronics AN2653 Datasheet HTML 13Page - STMicroelectronics AN2653 Datasheet HTML 14Page - STMicroelectronics AN2653 Datasheet HTML 15Page - STMicroelectronics AN2653 Datasheet HTML 16Page - STMicroelectronics AN2653 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
AN2653
In-the-loop compensation method
13/22
The second one occurs at higher frequencies where its impact on stability is limited. The
goal of the first pole is to decrease the loop gain to get closer to 0 dB, just before the zero,
occurring at
whose goal is to minimize the phase shift caused by the pole. The stability is increased as
the loop gain crosses the 0 dB axis with a limited phase shift. It minimizes the effect of the
second pole caused by the feedback, which is also pushed toward higher frequencies.
Although this compensation method may seem difficult to set up, it brings very good results,
as shown in Table 3 and Table 4, for the TS507 operational amplifier.
In a gain configuration, when considering the loop gain, the output is loaded by a resistive
load of RL // (Rf + Rg), where Rf and Rg are the resistors used for the gain. If Rf + Rg << RL,
the loop gain and therefore the stability parameters are the same whatever the value of RL.
This is visible in Table 4 where Rf + Rg = 1.1 kΩ with RL = 10 kΩ and RL = 100 kΩ..
1
2
π R
ILCIL
⋅
--------------------------------
Table 3.
Results of in-the-loop compensation for different load conditions in the case of a
voltage follower configuration for TS507
CL
RL =1kΩ
RL =10kΩ
RL =100 kΩ
RIL
(1)
(
Ω)
CIL
(nF)
Mg(2)
(dB)
M
ϕ(2)
(degree)
RIL
(1)
(k
Ω)
CIL
(nF)
Mg(2)
(dB)
M
ϕ(2)
(degree)
RIL
(1)
(k
Ω)
CIL
(nF)
Mg(2)
(dB)
M
ϕ(2)
(degree)
1nF
-4.1
-28.5 °
-5
-34.1 °
-5.1
-34.4 °
100
1
4.7
24.5 °
1
0.4
15.2
53.9 °
10
0.2
24.3
71.9 °
10 nF
-22.2
-78.4 °
-22.9
-79.5 °
-23
-79.6 °
100
2
6
21.9 °
1
1.26
13.6
61.2 °
5
1.26
13.3
79.2 °
100 nF
-34.1
-84.4 °
-34.4
-84.6 °
-34.5
-84.6 °
79.4
7.9
6.5
34.3 °
0.5
6.3
6.5
66.9 °
0.63
6.3
6.2
70.6 °
1.
RIL cells are shaded when its value is clamped to RL/10.
2.
Negative values indicate instability.
Table 4.
Results of in-of-the-loop compensation for different load conditions in the case of a
gain configuration of either -10 or +11 (Rg = 100 Ω and Rf = 1 kΩ) for TS507
CL
RL =1kΩ
RL =10kΩ
RL =100 kΩ
RIL
(1)
(
Ω)
CIL
(pF)
Mg(2)
(dB)
M
ϕ(2)
(degree)
RIL
(1)
(
Ω)
CIL
(pF)
Mg(2)
(dB)
M
ϕ(2)
(degree)
RIL
(1)
(
Ω)
CIL
(pF)
Mg(2)
(dB)
M
ϕ(2)
(degree)
1nF
17.6
84.7 °
16.8
85.1 °
16.7
85.2 °
100
126
39
89 °
100
126
39
88.1 °
100
126
39
88 °
10 nF
-0.6
-16.1 °
-1.3
-25.7 °
-1.4
-25.9 °
39.8
251
40.2
78.6 °
31.6
316
40.3
84.9 °
31.6
316
40.3
84.8 °
100 nF
-13
-69.2 °
-13.3
-69.8 °
-13.3
-69.9 °
10
631
44.5
66.2 °
10
631
44.5
65.6 °
10
631
44.5
65.6 °
1.
RIL cells are shaded when its value is clamped to (RL// Rf)/10.
2.
Negative values indicate instability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com