Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2653 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2653
Description  Operational amplifier stability compensation methods
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2653 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2653 Datasheet HTML 1Page - STMicroelectronics AN2653 Datasheet HTML 2Page - STMicroelectronics AN2653 Datasheet HTML 3Page - STMicroelectronics AN2653 Datasheet HTML 4Page - STMicroelectronics AN2653 Datasheet HTML 5Page - STMicroelectronics AN2653 Datasheet HTML 6Page - STMicroelectronics AN2653 Datasheet HTML 7Page - STMicroelectronics AN2653 Datasheet HTML 8Page - STMicroelectronics AN2653 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Stability basics
AN2653
4/22
1.2
Operational amplifier modeling for stability study
Figure 3 illustrates the definition of phase and gain margins in a gain configuration.
To apply this stability approach to operational amplifier based applications, it is necessary to
know the gain of the operational amplifier when no feedback and no loads are used. It is the
open loop gain (A(
ω )) of the amplifier (shown in Figure 4 for the TS507). From this
parameter, it is possible to model the amplifier and to study the stability of any gain
configuration.
Figure 5.
Equivalence between schematics and block diagram
The loop gain is:
This equation shows the impact of the gain on the stability: if Rf/Rg increases, the closed
loop gain of the system increases and the loop gain decreases. Because the phase remains
the same, the gain margin increases and stability is improved.
In addition, if you consider the case of a second order system such as the one shown in
Figure 6, a decrease of the loop gain allows to pass the 0 dB axis before the second pole
occurs. It minimizes the effect of the phase drop due to this pole, and as a result, the phase
margin is higher. Therefore, a voltage follower configuration is the worst case for stability.
Figure 3.
Illustration of phase and gain
margins
Figure 4.
TS507 open loop gain
Loop Gain
-200
-160
-120
-80
-40
0
40
Frequency (Hz)
-270
-225
-180
-135
-90
-45
0
Gain
Phase
Phase Margin
Gain Margin
TS507 Open Loop Gain
-20
10
40
70
100
130
160
Frequency (Hz)
-180
-150
-120
-90
-60
-30
0
Gain
Phase
TS507 :
Vcc = 5 V
Vicm = 2.5 V
T = 25 °C
V
r
V
s
------
–
A
ω
()
R
g
R
f
R
g
+
-------------------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com