Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2653 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2653
Description  Operational amplifier stability compensation methods
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2653 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2653 Datasheet HTML 10Page - STMicroelectronics AN2653 Datasheet HTML 11Page - STMicroelectronics AN2653 Datasheet HTML 12Page - STMicroelectronics AN2653 Datasheet HTML 13Page - STMicroelectronics AN2653 Datasheet HTML 14Page - STMicroelectronics AN2653 Datasheet HTML 15Page - STMicroelectronics AN2653 Datasheet HTML 16Page - STMicroelectronics AN2653 Datasheet HTML 17Page - STMicroelectronics AN2653 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
In-the-loop compensation method
AN2653
14/22
Table 5 and Table 6 help you to choose the best compensation components for different
ranges of load capacitors (and with RL = 10 kΩ) in voltage follower configuration and in a
gain configuration of either -10 or +11.
However, each case of load can be improved by choosing specific components (seeTable 3
and Table 4).
These tables are very valuable because almost all the follower and gain configuration
applications requiring compensation have capacitive loads in the range of 100 pF to 1 nF.
Thus, a simple combination of (RIL, CIL), depending on RL can cover all these cases with a
very good stability.
The loop gain shown in Figure 23, plotted for a voltage follower configuration with CL = 1 nF
and RL = 10 kΩ, shows the instability without compensation. This can also be observed in
Figure 24 with the peaking present on closed loop. Both figures show the benefits of
compensation.
Table 5.
Best compensation components for different load capacitor ranges in voltage
follower configuration for TS507 (with RL = 10 kΩ)
Load capacitor range
RIL (kΩ)CIL (pF)
Minimum gain
margin (dB)
Minimum phase
margin (degree)
10 pF to 100 pF
1
251
16.8
54.9 °
100 pF to 1 nF
1
251
15.8
42.1 °
1 nF to 10 nF
1
631
10.9
27 °
10 nF to 100 nF
1
2500
3.8
18.4 °
Table 6.
Best compensation components for different load capacitor ranges in a gain
configuration of either -10 or +11 (Rg = 100 Ω and Rf = 1 kΩ) for TS507 (with RL = 10 kΩ)
Load capacitor range
RIL (Ω)CIL (pF)
Minimum gain
margin (dB)
Minimum phase
margin (degree)
10 pF to 100 pF
1000
40
39.2
88.8 °
100 pF to 1 nF
39.8
63
37.2
86.8 °
1 nF to 10 nF
63
251
36.5
70.7 °
10 nF to 100 nF
15.8
631
39.1
63.1 °
Figure 23.
Loop gain
Figure 24.
Measured closed loop gain
Voltage Follower Configuration - Loop Gain
Compensation with the In-the-Loop Technique
-30
-10
10
30
50
70
90
110
130
150
Frequency (Hz)
-270
-240
-210
-180
-150
-120
-90
-60
-30
0
Gain without Compensation
Gain with RIL = 1 kΩ and CIL = 470 pF
Phase without Compensation
Phase with RIL = 1 kΩ and CIL = 470 pF
TS507 :
Vcc = 5 V
Vicm = 2,5 V
T = 25 °C
RL = 10 kΩ
CL = 1 nF
Voltage Follower Configuration - Closed Loop Gain
Compensation with the In-the-Loop Technique
-40
-30
-20
-10
0
10
20
Frequency (Hz)
Gain without CL
Gain with RIL = 1 kΩ and CIL = 470 pF
TS507 :
Vcc = 5 V
Vicm = 2,5 V
T = 25 °C
RL = 10 kΩ
CL = 1 nF
Without Compensation
With In-the-Loop Compensation Technique



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com