Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2653 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2653
Description  Operational amplifier stability compensation methods
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2653 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2653 Datasheet HTML 1Page - STMicroelectronics AN2653 Datasheet HTML 2Page - STMicroelectronics AN2653 Datasheet HTML 3Page - STMicroelectronics AN2653 Datasheet HTML 4Page - STMicroelectronics AN2653 Datasheet HTML 5Page - STMicroelectronics AN2653 Datasheet HTML 6Page - STMicroelectronics AN2653 Datasheet HTML 7Page - STMicroelectronics AN2653 Datasheet HTML 8Page - STMicroelectronics AN2653 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
AN2653
Stability basics
5/22
Figure 6.
Impact of closed loop gain on stability
Another parameter that impacts stability is the amplifier output impedance Zo. Including
this parameter in the model of the amplifier leads to the model shown in Figure 7.
Zo is neither constant over frequency nor purely resistive. Figure 8 shows how the output
impedance varies with the frequency in the case of the TS507. These variations complicate
the stability study.
Finally, to study the stability of an op-amp based system, two parameters need to be taken
into account in order to better fit reality: the amplifier open-loop gain and the amplifier output
impedance. Then, a calculation of the loop gain indicates how stable the system is.
f
G
loop gain (dB)
0
Case 1
Case 2
Closed Loop Gain (Case1) < Closed Loop Gain (Case 2)
Figure 7.
Follower configuration model with
capacitive load for loop gain
calculation
Figure 8.
TS507 output impedance Zo
TS507 Output Impedance (Zo)
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
Frequency (Hz)
-135
-90
-45
0
45
90
Impedance
Phase
TS507 :
Vcc = 5 V
Vicm = 2,5 V
T = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com