Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2653 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2653
Description  Operational amplifier stability compensation methods
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2653 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2653 Datasheet HTML 1Page - STMicroelectronics AN2653 Datasheet HTML 2Page - STMicroelectronics AN2653 Datasheet HTML 3Page - STMicroelectronics AN2653 Datasheet HTML 4Page - STMicroelectronics AN2653 Datasheet HTML 5Page - STMicroelectronics AN2653 Datasheet HTML 6Page - STMicroelectronics AN2653 Datasheet HTML 7Page - STMicroelectronics AN2653 Datasheet HTML 8Page - STMicroelectronics AN2653 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
AN2653
Stability basics
3/22
1
Stability basics
1.1
Introduction
Consider a linear system modeled as shown in Figure 1.
Figure 1.
Linear system with feedback model
The model in Figure 1 gives the following equation:
is named closed loop gain.
From this equation, it is evident that for A
β = -1, the circuit is unstable (Vout is independent of
Vin).
A
β is the loop gain.
To evaluate it, the loop is opened and -Vr/Vs is calculated as shown in Figure 2.
Figure 2.
Loop gain calculation
Opening the loop leads to the following equation:
If a small signal Vs is sourced into the system, and if Vr comes back in phase with it with an
amplitude above that of Vs (which means that Aβ is a real number greater than or equal to 1)
then the system oscillates and is unstable.
This leads to the definition of the gain margin, which is the opposite of the loop gain (in dB)
at the frequency for which its phase equals -180°. The bigger the gain margin, the more
stable the system. In addition, the phase margin is defined as the phase of the loop gain
plus 180° at the frequency for which its gain equals 0 dB. Therefore, from the value of A
β it
is possible to determine the stability of the system.
A
-
ß
Vin
Vout
V
out
A
1A
β
+
-----------------
V
in
⋅
=
A
1A
β
+
-----------------
A
-
ß
Vout
Vs
Vr
V
r
V
s
------
–
A
β
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com