Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4348 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4348
Description  Signal conditioning for electrochemical sensors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4348 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4348 Datasheet HTML 5Page - STMicroelectronics AN4348 Datasheet HTML 6Page - STMicroelectronics AN4348 Datasheet HTML 7Page - STMicroelectronics AN4348 Datasheet HTML 8Page - STMicroelectronics AN4348 Datasheet HTML 9Page - STMicroelectronics AN4348 Datasheet HTML 10Page - STMicroelectronics AN4348 Datasheet HTML 11Page - STMicroelectronics AN4348 Datasheet HTML 12Page - STMicroelectronics AN4348 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
AN4348
From sensor specification to functional application
DocID025166 Rev 1
9/25
6
From sensor specification to functional application
From the sensor specification, the minimum and maximum sensitivity (S) is known and is
generally expressed in nA/ppm. However, in the case of O2 the output signal in air (in µA)
is usually reported. The output signal in air is for 20.9 % O2. So, in this case, to find the
sensitivity of the sensor, divide by 20.9 % and express the result in µA/% of O2.
The range of the sensor ([gas]max) is another important parameter which is expressed in
ppm for CO or % for O2. If the whole range is required for your application, the output
voltage on the ADC is between Vref2 (where there is no gas) and
Vref2 ± RT × Smax × [gas]max.
Be careful with the polarity of the sensor. Isense can be either positive or negative so,
the "±" sign is "+" for CO but "-" for O2.
The RT value should be maximized to have the widest possible range at ADC level. But, it
should also be kept low enough to avoid saturating U1 (keeping some headroom in case of
over-range). This ensures the highest possible resolution.
The recommended load resistor of the sensor, specified in its datasheet, gives the value
RL.
RL is a tradeoff between response time and noise. Indeed, any noise on the WE node is
amplified by the op-amp with a gain of 1 + (RT/RL).
Due to its capacitive behavior, the output signal converges with a time constant Cs(Rs+RL),
assuming that the sensor is a capacitor, Cs, in series with a resistor, Rs.
Also, RL should not be too high or it may unbias the sensor (because of an RL×Isense voltage
drop).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com