Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4348 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4348
Description  Signal conditioning for electrochemical sensors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4348 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4348 Datasheet HTML 7Page - STMicroelectronics AN4348 Datasheet HTML 8Page - STMicroelectronics AN4348 Datasheet HTML 9Page - STMicroelectronics AN4348 Datasheet HTML 10Page - STMicroelectronics AN4348 Datasheet HTML 11Page - STMicroelectronics AN4348 Datasheet HTML 12Page - STMicroelectronics AN4348 Datasheet HTML 13Page - STMicroelectronics AN4348 Datasheet HTML 14Page - STMicroelectronics AN4348 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
AN4348
Galvanic configuration
DocID025166 Rev 1
11/25
8
Galvanic configuration
If we consider an O2 sensor used to detect under- or over-exposure to O2 in a "breathable
environment", the current generated by the sensor is hundreds of µA. In this case, the
TSV711 (9 µA) is a good candidate in the application because the current level is big
enough.
An alternative configuration is to use the voltage drop through the load resistor and amplify
this voltage with a suitable op-amp. The current to voltage conversion is made by RL rather
than by the trans-impedance amplifier (see Figure 8).
Figure 8: Low consumption galvanic oxygen sensor configuration
The scale of the signal to be amplified is then relatively low (RL×Isense is in the range mV).
For this configuration, the op-amp has to be a precision one, and above all, its input offset
temperature derating has to be very good. Indeed, input offset voltage compensation
should be possible, but temperature compensation may be harder to achieve. The best op-
amp choice for this application is the TSZ121 which is a chopper op-amp. Its specifications
are 0.06 µV/°C maximum and 5 µV maximum. Therefore, a 20 °C variation causes a
variation of only 1.2 µV which corresponds well with the accuracy required by the
application. With this configuration a good accuracy is reached (1 µV is only 0.01 % of a full
scale 10 mV).
Another advantage of this configuration is that even if the power supply is turned off, the
sensor is kept biased thanks to RL. Consumption of the application can be reduced by
powering it periodically (keeping in mind that the capacitors have to be charged at each
cycle).
The output signal read by the ADC is: - (1 + (Rf/Rg))IsenseRL
Note that Isense is negative (as we are dealing with O2), so this voltage is positive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com