Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4348 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4348
Description  Signal conditioning for electrochemical sensors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4348 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4348 Datasheet HTML 17Page - STMicroelectronics AN4348 Datasheet HTML 18Page - STMicroelectronics AN4348 Datasheet HTML 19Page - STMicroelectronics AN4348 Datasheet HTML 20Page - STMicroelectronics AN4348 Datasheet HTML 21Page - STMicroelectronics AN4348 Datasheet HTML 22Page - STMicroelectronics AN4348 Datasheet HTML 23Page - STMicroelectronics AN4348 Datasheet HTML 24Page - STMicroelectronics AN4348 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Conclusion
AN4348
22/25
DocID025166 Rev 1
15
Conclusion
Electrochemical sensors are widely used. They require specific op-amps to drive them and
to amplify the signal (current) they generate which is proportional to the concentration of
the gas being measured. The best choice of op-amp is generally a low-power, rail-to-rail
output, CMOS device. STMicroelectronics provides such devices. The most aggressive
device in terms of consumption is the TSU101 (600 nA typ at 3.3 V), but the TSV612 is
sufficient for several applications operating at 10 µA. If better accuracy is required, the
TSV711 (9 µA, 200 µV max) is a good choice. For the most demanding applications the
TSZ121 (29 µA @3.3 V, 5 µV max) should be considered. Table 2 illustrates the
advantages of the different op-amp products with regard to electrochemical sensors.
Table 2: Advantages of various op-amps
Product
Benefits (all specifications given at 3.3 V)
TSU101
TSU102
TSU104
Ultra low consumption: 600 nA typ
Battery life extension
TSV711
TSV712
TSV714
Good compromise between consumption and precision
Icc: 9 µA typ
Vio: 200 µV max
TSZ121
TSZ122
TSZ124
Excellent precision: Vio 5 µV max
Ultra low noise: 0.2 µVpp from 0.1 Hz to 10 Hz
Ideal for galvanic use
All op-amps in Table 2 are CMOS devices. They are available in small packages and
multiple-channel configurations for additional flexibility and space-saving.
If you plan to have a 4 mA to 20 mA output in your application, STMicroelectronics also has
high voltage op-amps that would meet your requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com