Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4348 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4348
Description  Signal conditioning for electrochemical sensors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4348 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4348 Datasheet HTML 17Page - STMicroelectronics AN4348 Datasheet HTML 18Page - STMicroelectronics AN4348 Datasheet HTML 19Page - STMicroelectronics AN4348 Datasheet HTML 20Page - STMicroelectronics AN4348 Datasheet HTML 21Page - STMicroelectronics AN4348 Datasheet HTML 22Page - STMicroelectronics AN4348 Datasheet HTML 23Page - STMicroelectronics AN4348 Datasheet HTML 24Page - STMicroelectronics AN4348 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
AN4348
Testing the hardware
DocID025166 Rev 1
21/25
14
Testing the hardware
Different tests can be performed to check that the hardware is functional.
Test 1
1.
Remove the sensor (normally sensors are not soldered or they would be damaged)
2.
Short the RE and the CE on the PCB.
3.
On this node, check that the reference voltage is obtained (note that the op-amp is
now configured in buffer configuration)
4.
Still working without the sensor, verify the output of the second op-amp. It should be at
the WE voltage as this op-amp is also in buffer configuration since Rload is left open.
5.
Both the RE and the WE voltages can be fine-tuned in this way.
Test 2
1.
Add a current source on Rload to check that the trans-impedance amplifier is operating
correctly (Vout should equal VWE+RT×I)
2.
Try the application with the sensor (first removing the short circuit and the current
source).
In the absence of the targeted gas, Vout = VWE. During exposure to the gas, the output
should vary according to the sensitivity of the sensor. Note that if the sensor was left
unbiased, it may take several minutes up to several hours for it to operate correctly.
As the sensitivity of the sensors is not well controlled during their manufacturing, it is
necessary to calibrate your application with different gas concentrations.
Alternatively, a quick reading can be taken by performing a bump test. This is the sudden
exposure to a gas, for example, in the case of O2 sensing, it is the measurement of an
exhalation.
Figure 12 illustrates the result obtained with a three-electrode CO sensor using the
TSU101.
Figure 12: Response to a carbon monoxide step using the TSU101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com