Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4348 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4348
Description  Signal conditioning for electrochemical sensors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4348 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4348 Datasheet HTML 13Page - STMicroelectronics AN4348 Datasheet HTML 14Page - STMicroelectronics AN4348 Datasheet HTML 15Page - STMicroelectronics AN4348 Datasheet HTML 16Page - STMicroelectronics AN4348 Datasheet HTML 17Page - STMicroelectronics AN4348 Datasheet HTML 18Page - STMicroelectronics AN4348 Datasheet HTML 19Page - STMicroelectronics AN4348 Datasheet HTML 20Page - STMicroelectronics AN4348 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
AN4348
Maintaining the sensor biased
DocID025166 Rev 1
17/25
11
Maintaining the sensor biased
If the sensor is left unbiased it becomes polarized. Due to its capacitive behavior, it then
requires a long time to stabilize again (from a few minutes up to a day). For sensors
specified by VWE = VRE (three-electrode sensors) or VWE = VCE (two-electrode sensors), the
sensor can be kept biased during power-off. Note that the power-off state can exist when
the batteries are being replaced. In portable applications, power-off may sometimes exist
in-between measurements (to minimize consumption). The solution to keep the sensor
biased is to use a P-JFET (such as J177) connected between the WE and the RE. In the
case of a two-electrode sensor the connection is between the WE and the CE as its gate is
connected to the power line via a resistor. When in power-off mode, the P-JFET shorts the
two electrodes to maintain the correct biasing of the sensor (see Figure 10).
Figure 10: Carbon monoxide sensing with TSU102
While the power is on, the P-JFET is in the pinch-off region (i.e. there is no current between
the drain and the source) and it has no impact on the application. In this case, the input
offset voltage of the two op-amps creates a Vds voltage which can be different to 0 V.
Therefore, the Vgs voltage should be kept sufficiently high to avoid any unwanted current
flowing through the transistor. This is because this current would be amplified by the trans-
impedance stage (like the current generated by the sensor) which would result in an offset
error. Particular attention should be paid to low power supply values. However, since the
user wishes to benefit from the widest ADC range possible, it is recommended to use the
op-amp with a low Vicm value (e.g. for carbon monoxide sensing) which results in a large
Vgs voltage.
If the sensor is biased with VWE ≠ VRE (three-electrode sensors) or VWE ≠ VCE (two-electrode
sensors), an additional battery may be used to continue biasing the sensor while the
application is switched off.
In the case of a two-electrode galvanic sensor with a voltage gain configuration as shown
in Figure 9, the load resistor converting Isense into a voltage continues biasing the sensor
even during power-off mode.
Note that the R, C network around the driving op-amp (IC1B) may be changed for stability
reasons depending on the sensor used. However, the TSU102 was tested with different
sensors, and good performances were obtained even with a simple direct connection
(R = 0 Ω, C = 0 F).
The reference voltage is set to 300 mV for a power supply of 3.3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com