Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4366 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4366
Description  Compensate the input offset of a high-side current sensing
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4366 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4366 Datasheet HTML 2Page - STMicroelectronics AN4366 Datasheet HTML 3Page - STMicroelectronics AN4366 Datasheet HTML 4Page - STMicroelectronics AN4366 Datasheet HTML 5Page - STMicroelectronics AN4366 Datasheet HTML 6Page - STMicroelectronics AN4366 Datasheet HTML 7Page - STMicroelectronics AN4366 Datasheet HTML 8Page - STMicroelectronics AN4366 Datasheet HTML 9Page - STMicroelectronics AN4366 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Saturation problem
AN4366
6/14
DocID025330 Rev 1
Negative Vos (Vos of the TSC103 = -1.1 mV)
When it is necessary to measure 1 A, the voltage output of the TSC103 using equation 2 is:
Vout = (1 A * 0.5 mΩ + 1.1 mV) * 100 = 160 mV. This value is acceptable as it is above the
maximum Vol of the TSC103.
Positive Vos (Vos of the TSC103 = +1.1 mV)
When it is necessary to measure 1 A, the voltage output of the TSC103 using equation 2 is:
Vout = (1 A * 0.5 mΩ -1.1 mV) * 100 = -60 mV. As the TSC103 is powered in single supply
the output in this case is saturated and Vout = Vol. In this case, a current lower than 4.7 A
(see equation 3 below), cannot be measured correctly by the current sensing due to the
Vos and Vol limitation.
Rshunt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com