Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4366 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4366
Description  Compensate the input offset of a high-side current sensing
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4366 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4366 Datasheet HTML 6Page - STMicroelectronics AN4366 Datasheet HTML 7Page - STMicroelectronics AN4366 Datasheet HTML 8Page - STMicroelectronics AN4366 Datasheet HTML 9Page - STMicroelectronics AN4366 Datasheet HTML 10Page - STMicroelectronics AN4366 Datasheet HTML 11Page - STMicroelectronics AN4366 Datasheet HTML 12Page - STMicroelectronics AN4366 Datasheet HTML 13Page - STMicroelectronics AN4366 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Conclusion
AN4366
12/14
DocID025330 Rev 1
7
Conclusion
A current sensing powered in single supply is able to measure low current. However, if the
voltage drop through the shunt is lower than the Vos, it might cause some output saturation
problems. In this case, it is important to compensate the Vos by using external resistances
and a current source.
The resistances must be as low as possible and must be well matched to avoid inaccurate
measurements. The current source must be well dimensioned.
For this kind of compensation, it is important to realize a calibration before starting the
measurement. Firstly, measure the output voltage with a minimum current through the
shunt, and then used this baseline value as a reference of minimum current. Figure 5 is a
suggested schematic to compensate the Vos. It avoids any output saturation for low current
measurements.
Figure 5: Suggested schematic to compensate Vos
Current source
5V
5V
Vref
TL431
2.5V
12.5k
Ω
200µA
10
Ω
10
Ω
2mV
Vos
Rin1
Rin2
5k
Ω
5k
Ω
5V
Vout
Rg
125k
Ω
250
Ω
Rshunt
Rin1
Rin2
5k
Ω
5k
Ω
Rg
125k
Ω
+
-
+
-
TSC1031
+
-
LMV821
K1
K2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com