Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4366 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4366
Description  Compensate the input offset of a high-side current sensing
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4366 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4366 Datasheet HTML 1Page - STMicroelectronics AN4366 Datasheet HTML 2Page - STMicroelectronics AN4366 Datasheet HTML 3Page - STMicroelectronics AN4366 Datasheet HTML 4Page - STMicroelectronics AN4366 Datasheet HTML 5Page - STMicroelectronics AN4366 Datasheet HTML 6Page - STMicroelectronics AN4366 Datasheet HTML 7Page - STMicroelectronics AN4366 Datasheet HTML 8Page - STMicroelectronics AN4366 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
February 2014
DocID025330 Rev 1
1/14
www.st.com
AN4366
Application note
Compensate the input offset of a high-side current sensing
Nicolas Aupetit
Introduction
This application note explains how to configure a high-side current sensing when it is powered in single
supply. This approach is especially useful when a low current must be measured.
A high-side current sensing can amplify input differential signals at a common-mode voltage well
beyond the power supply rail. This common-mode voltage, in a current-sense amplifier such as the
TSC101, can rise to 28 V and can rise even higher in the TSC103. The device amplifies small voltages
across a shunt resistor on the high-voltage rail and feeds it to a low-voltage ADC generally embedded
into a microcontroller (see Figure 1). By construction, all current sensing devices have a small input
offset. Depending on whether this input offset voltage is positive or negative, there may be an impact on
the measurement of a low current.
Figure 1: Typical application schematic
Load
Rin1
Rin2
Vcc
Rg
Microcontroller
Rshunt
Rin1
Rin2
Rg
+
-
+
-


Similar Part No. - AN4366

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN436 STMICROELECTRONICS-AN436 Datasheet
71Kb / 9P
TRIAC CONTROL BY PULSE TRANSFORMER
23-Apr-2004
AN4363 STMICROELECTRONICS-AN4363 Datasheet
343Kb / 20P
This document gives basic guidelines to select the AC switch device according
23-Jan-2014
AN4365 STMICROELECTRONICS-AN4365 Datasheet
830Kb / 35P
Using STM32F4 MCU power modes with best dynamic efficiency
12-May-2014
AN4367 STMICROELECTRONICS-AN4367 Datasheet
379Kb / 13P
This document provides overview
02-Oct-2013
AN4368 STMICROELECTRONICS-AN4368 Datasheet
1,008Kb / 18P
Signal conditioning for pyroelectric passive infrared
25-Nov-2013
More results

Similar Description - AN4366

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCT1021 ZETEX-ZXCT1021 Datasheet
100Kb / 6P
LOW OFFSET HIGH-SIDE CURRENT MONITOR
ZXCT1022 ZETEX-ZXCT1022 Datasheet
100Kb / 6P
LOW OFFSET HIGH-SIDE CURRENT MONITOR
logo
International Rectifier
IR3311 IRF-IR3311 Datasheet
309Kb / 12P
PROGRAMMABLE CURRENT SENSING HIGH SIDE SWITCH
logo
Zetex Semiconductors
ZXCT1021 ZETEX-ZXCT1021_06 Datasheet
326Kb / 8P
Low offset high-side current monitor
ZXCT1022 ZETEX-ZXCT1022_07 Datasheet
231Kb / 8P
Low offset high-side current monitor
logo
Diodes Incorporated
ZXCT1021 DIODES-ZXCT1021 Datasheet
390Kb / 8P
Low offset high-side current monitor
JULY 2007
ZXCT1022 DIODES-ZXCT1022 Datasheet
202Kb / 8P
Low offset high-side current monitor
MARCH 2008
logo
STMicroelectronics
AN4304 STMICROELECTRONICS-AN4304 Datasheet
534Kb / 20P
How to filter the input of a high-side current sensing
30-Oct-2013
STEVAL-ILL048V1 STMICROELECTRONICS-STEVAL-ILL048V1 Datasheet
164Kb / 4P
High-side current sensing feedback
27-Jan-2015
logo
ON Semiconductor
NCS210R ONSEMI-NCS210R Datasheet
661Kb / 20P
Low- or High-Side Current Sensing
July, 2018 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com