Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4366 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4366
Description  Compensate the input offset of a high-side current sensing
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4366 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4366 Datasheet HTML 6Page - STMicroelectronics AN4366 Datasheet HTML 7Page - STMicroelectronics AN4366 Datasheet HTML 8Page - STMicroelectronics AN4366 Datasheet HTML 9Page - STMicroelectronics AN4366 Datasheet HTML 10Page - STMicroelectronics AN4366 Datasheet HTML 11Page - STMicroelectronics AN4366 Datasheet HTML 12Page - STMicroelectronics AN4366 Datasheet HTML 13Page - STMicroelectronics AN4366 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Current source
AN4366
10/14
DocID025330 Rev 1
5
Current source
The current necessary to compensate the Vos should be high enough not to be impacted
by the gain error and low enough to allow reasonable values of Rs1 and Rs2 to be chosen.
Note that the current is generated by the current source and that gain error may appear in
temperature due to the external resistors.
To achieve good accuracy and to maintain the initial gain, the external resistances are set
as follow:
•
Rs
1 = Rs2 = 10 Ω
•
Rs3 = 250 Ω which maintains K1 = 25
•
K2 = 4 by setting SEL = Vcc+
In this configuration the total gain is: AV = K1.K2 = 100.
If we consider the worst situation, i.e. when the TSC1031 has a positive Vos offset of
+1.1 mv, in this case the output of the TSC1031 could become saturated. To avoid this,
add a negative offset compensation of 2 mV. Then, we can deduce that the current which
must be drawn by the current source is:
The current delivered by the current source is mainly fixed thanks to the reference voltage
TL431 (2.5V) and the resistance Rc4. So,
A possible op-amp to drive the NPN transistor is the automotive grade LMV821A (order
code LMV821AIYLT).
Rs2 2mV10Ω
200μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com