Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4366 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4366
Description  Compensate the input offset of a high-side current sensing
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4366 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4366 Datasheet HTML 6Page - STMicroelectronics AN4366 Datasheet HTML 7Page - STMicroelectronics AN4366 Datasheet HTML 8Page - STMicroelectronics AN4366 Datasheet HTML 9Page - STMicroelectronics AN4366 Datasheet HTML 10Page - STMicroelectronics AN4366 Datasheet HTML 11Page - STMicroelectronics AN4366 Datasheet HTML 12Page - STMicroelectronics AN4366 Datasheet HTML 13Page - STMicroelectronics AN4366 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AN4366
Outcome
DocID025330 Rev 1
11/14
6
Outcome
If finally, the native Vos of the TSC1031 is +1.1 mV with the current source compensation,
the equivalent input offset Vos becomes -0.9 mV. If finally, the native Vos of the TSC1031
is -1.1 mV with the current source compensation, the equivalent input offset Vos becomes
-3.1 mV.
Considering the whole application, with the TSC1031 gain set at x100 and measuring a
current of 1 A through a shunt of 0.5 mΩ, the output voltage may vary from 140 mV to
360 mV. In this case, the output of the TSC1031 (used in single supply) is never saturated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com