Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3340 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3340
Description  Loudspeaker characterization and compensation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3340 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3340 Datasheet HTML 5Page - STMicroelectronics AN3340 Datasheet HTML 6Page - STMicroelectronics AN3340 Datasheet HTML 7Page - STMicroelectronics AN3340 Datasheet HTML 8Page - STMicroelectronics AN3340 Datasheet HTML 9Page - STMicroelectronics AN3340 Datasheet HTML 10Page - STMicroelectronics AN3340 Datasheet HTML 11Page - STMicroelectronics AN3340 Datasheet HTML 12Page - STMicroelectronics AN3340 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AN3340
Frequency response of a loudspeaker
Doc ID 18453 Rev 1
9/24
5
Frequency response of a loudspeaker
While the speaker electrical characteristics and the impedance measurement can be
performed using standard electrical equipment available in an electronics laboratory
(oscilloscope, function generator, current probe and so on), the frequency response
measurement needs a dedicated environment and specialized tools.
To determine the frequency response of a speaker it is necessary to measure the sound
pressure that the cone produces when a signal is applied to the voice coil.
To perform the sound pressure measurement it is necessary to use a microphone to convert
the sound back to an electrical signal. The microphone frequency response must be known
since this is also part of the measurement loop and must be subtracted from the overall
response.
The test should be performed in an acoustically shielded environment, that is, in an
anechoic chamber, to eliminate reflections and background noise.
If an anechoic chamber and the related tools (microphone, specialized software) are not
available then the speaker frequency response must be estimated using an alternative
method.
An accepted approach is based on the MLS procedure using Audio Precision equipment.
This allows the test to be performed without an anechoic chamber6.
With the MLS method the loudspeaker frequency response is measured in a simulated
“quasi-anechoic” chamber. This means that it can be done in a laboratory without particular
acoustic requirements.
However, even with this approach, the performance of the microphone must be known.
Figure 6 shows the frequency response measured by the two methods on different
speakers.
Figure 6.
Speaker frequency response
-80
-50
-70
-60
dBV
200
20k
500
1k
2k
5k
10k
Frequency (Hz)
100
dB
-30
-40
-50
-60
-70
-80
100
1k
10k
Frequency (Hz)
Speaker 1 measured in anechoic chamber
Speaker 2 measured using MLS method



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com