Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3340 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN3340
Description  Loudspeaker characterization and compensation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3340 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN3340 Datasheet HTML 13Page - STMicroelectronics AN3340 Datasheet HTML 14Page - STMicroelectronics AN3340 Datasheet HTML 15Page - STMicroelectronics AN3340 Datasheet HTML 16Page - STMicroelectronics AN3340 Datasheet HTML 17Page - STMicroelectronics AN3340 Datasheet HTML 18Page - STMicroelectronics AN3340 Datasheet HTML 19Page - STMicroelectronics AN3340 Datasheet HTML 20Page - STMicroelectronics AN3340 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AN3340
Loudspeaker compensation
Doc ID 18453 Rev 1
17/24
Manual reshaping
The automatic procedure described above can be complemented with a manual adjustment
of the PEQs position to add a special shape to the response, if desired. This possibility is
very useful for enhancing the voice or adding music equalization, for instance.
On the equalizer panel, place the cursor on a single PEQ to modify, locally, its position.
Figure 16 shows the frequency response achieved by starting from the flat response shown
in Figure 14 and applying a manual modification to biquads 1, 3 and 4 to enhance the
response in the frequency range 900 Hz to 8 kHz.
Figure 16.
AWP - speaker compensation (4 biquads) with manual modification
Manual compensation
Speaker compensation can also be performed manually. The procedure requires the
interaction between the user and the tool to achieve the final result and it is obviously related
to the user competence to properly manage the position of each PEQ.
It is necessary to import the original frequency response of the speaker, to select the
frequency range of where to apply the compensation and to select the number of biquads.
Positioning the mouse on the equalization graph on a positive or negative area changes its
shape from a cross to a magic wand. Then, clicking the left mouse button, a biquad is
selected to compensate that portion of the response. The procedure can be applied for each
positive (red) and/or negative (green) portion of the frequency response. The user decides
where to apply the compensation and he is responsible for selecting only positive or only
negative areas or both.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com