Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3340 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3340
Description  Loudspeaker characterization and compensation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3340 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3340 Datasheet HTML 16Page - STMicroelectronics AN3340 Datasheet HTML 17Page - STMicroelectronics AN3340 Datasheet HTML 18Page - STMicroelectronics AN3340 Datasheet HTML 19Page - STMicroelectronics AN3340 Datasheet HTML 20Page - STMicroelectronics AN3340 Datasheet HTML 21Page - STMicroelectronics AN3340 Datasheet HTML 22Page - STMicroelectronics AN3340 Datasheet HTML 23Page - STMicroelectronics AN3340 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Loudspeaker compensation
AN3340
20/24
Doc ID 18453 Rev 1
Figure 21.
Flat-screen-TV speaker frequency response with compensation
To better show the improved performance the frequency responses before and after
Speaker Tune compensation have been superimposed and are shown in Figure 22.
Figure 22.
Flat-screen-TV speaker response before and after compensation
In the frequency range 100 Hz to 10 kHz the improvement is clearly visible.
Speaker Tune has added gain also in the frequency range higher than 11 kHz. However,
due to the deep attenuation around 10 kHz, the high-frequency performance shows less of
an improvement than the mid-range performance even though three biquads have been
used for compensation in this upper frequency band.
10
2
10
3
10
4
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
Frequency [Hz]
Speaker COMPENSATED
10
2
10
3
10
4
-90
-80
-70
-60
-50
-40
-30
VESTEL - 32-inch LCD-TV - Frequency Response before and after speaker compensation
Frequency [Hz]
Original condition
After SPEAKER COMPENSATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com