Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3340 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN3340
Description  Loudspeaker characterization and compensation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3340 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN3340 Datasheet HTML 14Page - STMicroelectronics AN3340 Datasheet HTML 15Page - STMicroelectronics AN3340 Datasheet HTML 16Page - STMicroelectronics AN3340 Datasheet HTML 17Page - STMicroelectronics AN3340 Datasheet HTML 18Page - STMicroelectronics AN3340 Datasheet HTML 19Page - STMicroelectronics AN3340 Datasheet HTML 20Page - STMicroelectronics AN3340 Datasheet HTML 21Page - STMicroelectronics AN3340 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Loudspeaker compensation
AN3340
18/24
Doc ID 18453 Rev 1
6.2.2
An example and verification
In this section the result achieved using Speaker Tune to compensate a speaker used in a
LCD flat-screen TV is described.
The first step is to measure the impedance and to identify the resonant frequency as shown
in Figure 17. The resonant frequency is around 232 Hz and the peak impedance is 12
Ω.
Figure 17.
Flat-screen-TV speaker impedance
The second step is the frequency response measurement. Figure 18 shows the frequency
response of the speaker under test. The curve shows a very poor response in the frequency
range above 10kHz. Indeed, above 5 kHz there is significant attenuation.
Figure 18.
Flat-screen-TV speaker frequency response
This frequency response data must now be imported into the APW Speaker Tune section.
10
2
10
3
10
4
5
10
15
20
X: 232.3
Y: 12.06
Frequency [Hz]
Speaker Impedance - Modulus
10
2
10
3
10
4
-40
-20
0
20
40
Frequency [Hz]
Speaker Impedance - phase
10
2
10
3
10
4
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
Frequency [Hz]
Original condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com