Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3340 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3340
Description  Loudspeaker characterization and compensation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3340 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3340 Datasheet HTML 10Page - STMicroelectronics AN3340 Datasheet HTML 11Page - STMicroelectronics AN3340 Datasheet HTML 12Page - STMicroelectronics AN3340 Datasheet HTML 13Page - STMicroelectronics AN3340 Datasheet HTML 14Page - STMicroelectronics AN3340 Datasheet HTML 15Page - STMicroelectronics AN3340 Datasheet HTML 16Page - STMicroelectronics AN3340 Datasheet HTML 17Page - STMicroelectronics AN3340 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Loudspeaker compensation
AN3340
14/24
Doc ID 18453 Rev 1
3.
Open the dedicated Speaker Tune menu by clicking “Panels” on the main menu then
click “Speaker Tune”, or alternatively by using the keyboard shortcut, F5. Figure 12
shows the ST Speaker Tune menu.
Figure 12.
ST Speaker Tune window
In the Speaker Tune menu you can program or select the options which the tool will apply to
make the compensation.
Frequency range (red arrow).
The lower limit of the frequency range should be selected according to the resonant
frequency measured in the impedance characterization. This limit should be higher
than the resonant frequency. The upper limit should be selected considering the source
and the quality of the sound or the performance of the speaker. For example, it is not
necessary to force the compensation up to 20 kHz when the audio source is a MP3 file
where the maximum frequency is around 15 kHz.
Another situation where it is undesirable to extend too much the maximum frequency is
when the speaker response is very poor in the high frequency range. In this situation
the Speaker Tune tool could force some of the biquads to compensate an over-
attenuated response thereby adding high levels of gain that can produce excessive
distortion and increase power dissipation.
The width of the frequency range becomes important when the number of biquads
available is perhaps insufficient. The best choice in this case is to focus the action in
the portion ot the frequency range where the result is going to be most effective.
Action criteria (green arrow)
The compensation can be optimized in terms of peak or area.
PEQ tuning (blue arrow)
Enabling the deep PEQ tuning option the tool applies an iterative action to optimize the
single PEQ; the effect of the filter is optimized but the execution time increases.
PEQs refinement (orange arrow)
Using the option PEQs refinement during tuning process, the tool acts recursively to
refine the PEQs already fixed when a new PEQ is applied. If this option is not used the
PEQs are applied in sequence until all available biquads are used. The execution time
is shorter than with the recursive action but the accuracy of final result is lower too.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com