Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1348 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1348
Description  ST485 is a RS-485 based interface designed for multipoint differential transmission
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1348 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1348 Datasheet HTML 1Page - STMicroelectronics AN1348 Datasheet HTML 2Page - STMicroelectronics AN1348 Datasheet HTML 3Page - STMicroelectronics AN1348 Datasheet HTML 4Page - STMicroelectronics AN1348 Datasheet HTML 5Page - STMicroelectronics AN1348 Datasheet HTML 6Page - STMicroelectronics AN1348 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1. INTRODUCTION
ST485 is a RS-485 based interface designed for multipoint differential transmission on a single twisted
pair cable. It allows half duplex bi-directional transmission, long cable length and high data rate. Typical
applications include LANs, industrial (PLC devices), automotive and computer interfaces. The system
evolution in the data communication field leads to the development of faster devices with lower data bit
errors and ST485 meets all these requirements.
2. FUNCTIONAL DESCRIPTION
Figure 1 shows the internal structure of the ST485. The driver and receiver line pins are connected
together; in fact the bi-directional communication can only be half- duplex. The control pins RE and DE
are used to enable respectively the receiver and driver and, in many applications, are connected
together. The driver has a TTL input while the output is differential. The receiver differential input is
internally connected to the driver output.
Figure 1: ST485 Internal Structure
The Vcc supply voltage is 5V, typical DC consumption is less than 0.5mA without load and Data rate is
greater than 10Mbps.
3. FEATURES
The most important parameters in a RS-485 device are:
- The receiver input threshold. It is ±200mV. This feature ensures an improvement of the noise immunity;
- The receiver input resistance. It should be high enough to allow the connection of many transceivers
D
R
8
6
5
7
RO
3
4
2
1
__
RE
DE
DI
Vcc
B
A
GND
June 2004 (rev. 3)
1/7
AN1348
APPLICATION NOTE
ST485: AN RS-485 BASED INTERFACE WITH
LOWER DATA BIT ERRORS
A. Randazzo


Similar Part No. - AN1348

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1344 STMICROELECTRONICS-AN1344 Datasheet
212Kb / 14P
The VIPer100A-E is designed to deliver
18-Oct-2007
More results

Similar Description - AN1348

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS36C278 NSC-DS36C278 Datasheet
583Kb / 10P
Low Power Multipoint EIA-RS-485 Transceiver
DS485 NSC-DS485 Datasheet
140Kb / 10P
Low Power RS-485/RS-422 Multipoint Transceiver
DS75176B NSC-DS75176B Datasheet
209Kb / 8P
Multipoint RS-485/RS-422 Transceivers
logo
MPS Industries, Inc.
M6201 MPSIND-M6201 Datasheet
164Kb / 1P
TRANSFORMER FOR RS-485 / RS-232 INTERFACE
logo
Texas Instruments
DS75176B TI-DS75176B Datasheet
943Kb / 14P
DS75176B/DS75176BT Multipoint RS-485/RS-422 Transceivers
DS1487 TI1-DS1487_11 Datasheet
180Kb / 10P
Low Power RS-485 Unit Load Multipoint Transceiver
DS36C278 TI1-DS36C278_14 Datasheet
862Kb / 16P
DS36C278 Low Power Multipoint EIA-RS-485 Transceiver
DS481 TI1-DS481_14 Datasheet
854Kb / 17P
Low Power RS-485/RS-422 Multipoint Transceiver with Sleep Mode
DS485 TI1-DS485_15 Datasheet
886Kb / 16P
Low Power RS-485/RS-422 Multipoint Transceiver
logo
Guangdong Youtai Semico...
SN65176BDR UMW-SN65176BDR Datasheet
377Kb / 6P
SN75176B/SN65176B Multipoint RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com