Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1348 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1348
Description  ST485 is a RS-485 based interface designed for multipoint differential transmission
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1348 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1348 Datasheet HTML 1Page - STMicroelectronics AN1348 Datasheet HTML 2Page - STMicroelectronics AN1348 Datasheet HTML 3Page - STMicroelectronics AN1348 Datasheet HTML 4Page - STMicroelectronics AN1348 Datasheet HTML 5Page - STMicroelectronics AN1348 Datasheet HTML 6Page - STMicroelectronics AN1348 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AN1348 - APPLICATION NOTE
5/7
6. ADVICE
6.1 Stabilization of Output VCM.
In order to get greater cable length and higher data rate, with a better signal quality, the following load
connection is useful. This configuration, shown in figure 7, allows output VCM voltage filtering and to
reduce the common mode disturbs.
Figure 7: Configuration to Improve Transmission Performance
Note: R=RLOAD/2, C=1/10nF ceramic or polyester capacitor.
6.2 AC Termination
The standard RLOAD termination often causes an increase of power consumption, so to minimize the DC
loop current flowing on the load, in static conditions, the configuration shown in figure 8 is useful. The R
value depends on the line impedance, typically it is 120Ohm for twisted pair cables; C depends either on
the cable length or on the line impedance Z0 and must be calculated to result a short-circuit for data
transmission. However, this configuration limits the data rate because of the low pass filter make with R
and C, then it is useful for medium data rate.
Figure 8: Contiguration to Reduce the DC Loop Current
Note: The C capacitor breaks the DC loop current when data transmission is off and reduces the power
consumption but limits the data rate.
R
R
C
D
R
8
6
5
7
RO
3
4
2
1
__
RE
DE
DI
Vcc
B
A
GND
D
R
8
6
5
7
RO
3
4
2
1
__
RE
DE
DI
Vcc
B
A
GND
R
C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com