Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1348 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1348
Description  ST485 is a RS-485 based interface designed for multipoint differential transmission
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1348 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1348 Datasheet HTML 1Page - STMicroelectronics AN1348 Datasheet HTML 2Page - STMicroelectronics AN1348 Datasheet HTML 3Page - STMicroelectronics AN1348 Datasheet HTML 4Page - STMicroelectronics AN1348 Datasheet HTML 5Page - STMicroelectronics AN1348 Datasheet HTML 6Page - STMicroelectronics AN1348 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AN1348 - APPLICATION NOTE
3/7
Figure 3: Common mode Noise Signal Inducted on a ST485 Differential Line
- In a single ended transmission the distance between logic symbol ‘1’and ‘0’ is lower respect to the
differential one. Table 1 and figure 4 show that, with Vcc=5V, the voltage distance between ‘1’and ‘0’logic
symbols is 10V without load. Obviously the termination (120Ohm for a twisted cable or 54Ohm for a
shield cable) reduces this voltage distance.
Figure 4: Single Ended and Differential Signals
Table 1: Single Ended and Differential Signals
Logic Level
Single Ended
Differential Referenced to ground
Differential (VA-VB)
0
Vout=0V
Vout: A=0V; B=5V
Vdiff = 0V - 5V = -5V
1
Vout=5V
Vout: A=5V; B=0V
Vdiff = 5V - 0V = +5V
A
B
A - B
5V
0V
D
R
8
6
5
7
RO
3
4
2
1
__
RE
DE
DI
Vcc
B
A
GND
Ground-referenced
signals
Differential signals
5V
5V
5V
0V
0V
0V
-5V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com