Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1348 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN1348
Description  ST485 is a RS-485 based interface designed for multipoint differential transmission
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1348 Datasheet(HTML) 2 Page - STMicroelectronics

  AN1348 Datasheet HTML 1Page - STMicroelectronics AN1348 Datasheet HTML 2Page - STMicroelectronics AN1348 Datasheet HTML 3Page - STMicroelectronics AN1348 Datasheet HTML 4Page - STMicroelectronics AN1348 Datasheet HTML 5Page - STMicroelectronics AN1348 Datasheet HTML 6Page - STMicroelectronics AN1348 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AN1348 - APPLICATION NOTE
2/7
together. ST485 has a Rin greater than 40kOhm allowing the connection of more than 32 units as well;
- The common mode voltage VCM for the receiver, defined as the algebraic mean of the two local-
ground-referenced voltage: VCM=(VA+VB)/2. This parameter is from -7V to +12V for RS-485 standard.
VCM enables different ground-referenced devices to work correctly and allowing ground difference up to
±7V. For an example see figure 2;
- The differential driver output voltage. It depends on the driver output current and, obviously, on the used
RLOAD. It must be greater than 1.5V with 27Ohm RLOAD;
- The driver short-circuit protection; it should happen that more drivers transmit at the same time giving a
conflict. ST485 limits the short circuit current up to 70mA providing a protection for the whole line.
Figure 2: Common Mode Voltage Capability
4. DIFFERENTIAL LINE ADVANTAGES
Why differential line transmission?
- When a signal is transmitted on a single twisted cable, many factors contribute to increase disturbs on
the line, like spike and inducted currents. With a differential transmission the same inducted disturb is
present on both input A and B, so the difference is null. Figure 3 shows the signal ground-referenced of
the ST485 inputs A and B with a noise signal inducted; CH1= receiver input A, CH2= receiver input B,
CH4= receiver output. The common mode disturb is not present on the receiver output.
GND
D
R
8
6
5
7
RO
3
4
2
1
__
RE
DE
DI
Vcc
B
A
D
R
1
3
4
2
RO
6
5
7
8
__
RE
DE
DI
Vcc
B
A
Difference in ground potential
(max ±7V)
GND 1
GND 2
GND
ST485 #1
ST485 #2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com