Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1348 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1348
Description  ST485 is a RS-485 based interface designed for multipoint differential transmission
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1348 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1348 Datasheet HTML 1Page - STMicroelectronics AN1348 Datasheet HTML 2Page - STMicroelectronics AN1348 Datasheet HTML 3Page - STMicroelectronics AN1348 Datasheet HTML 4Page - STMicroelectronics AN1348 Datasheet HTML 5Page - STMicroelectronics AN1348 Datasheet HTML 6Page - STMicroelectronics AN1348 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AN1348 - APPLICATION NOTE
4/7
5. APPLICATIONS
A typical ST485 application is the network allowing the connection of up to 32 devices; termination
resistances are tied only on the first and last unit and the value depend on the line impedance (54Ohm or
120Ohm), see figure 5. By connecting a node to the line, a stub is created and its length should be lower
than 15cm (6inches) to avoid transmission problems.
Figure 5: Typical RS-485 Line
In order to avoid wrong data transmission and signal reflections all the transceiver should be connected
sequentially among them, like figures 6b and 6d (6a and 6c are bad configurations).
Figure 6: Typical Network Connections
D
R
D
R
Stub length
Stub length
D
R
D
R
6a.
6b.
6c.
6d.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com