Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1524 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM1524
Description  This document describes the functions
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1524 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM1524 Datasheet HTML 9Page - STMicroelectronics UM1524 Datasheet HTML 10Page - STMicroelectronics UM1524 Datasheet HTML 11Page - STMicroelectronics UM1524 Datasheet HTML 12Page - STMicroelectronics UM1524 Datasheet HTML 13Page - STMicroelectronics UM1524 Datasheet HTML 14Page - STMicroelectronics UM1524 Datasheet HTML 15Page - STMicroelectronics UM1524 Datasheet HTML 16Page - STMicroelectronics UM1524 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
UM1524
Hardware details
Doc ID 022901 Rev 1
13/35
5.3
Power supply section
Capacitive power supply is used to build 3.6 V for the metering IC and microcontroller
section.
5.3.1
Programmable voltage reference U5
U5 TL431AI (package TO-92) is used to regulate the 3.6 V supply.
5.3.2
Current sensor CT1
CT1 E4626-X002(2500 turns, series resistance: 41.7
Ω) is the sensor for the primary
current channel.
5.3.3
Shunt RS1
RS1 300 µ
Ω is the sensor for the secondary current channel.
5.4
Neutral missing power supply section
The neutral missing power supply section is operational in case of neutral missing tamper. In
case of a neutral missing tamper condition, neutral is disconnected from the energy meter.
Therefore, there is no voltage input and so no output would be generated by the main
capacitive power supply. However, in the case of load present, there would be a valid input
signal on the current channel so energy would be consumed. Since the voltage on the
neutral channel is zero, so is the power (P = V x I). In order to take account of energy
consumed in this case, the neutral missing power supply section provides voltage supply to
the STPM10 metering IC. A zero crossing signal of 50 Hz is provided to the VIP pin of the
STPM10, so the STPM10 now calculates the energy consumption at a nominal voltage level
of 230 V.
5.4.1
Current sensor CT2
CT2 is used to develop the power supply for the board using a diode full wave rectifier circuit
in neutral missing condition.
5.5
EEPROM U3 section
EEPROM M24C32-RMN6TP (package: SO8, 32 Kbit) is interfaced to the microcontroller
using an I2C bus. Cumulative energy, MD, average PF and tamper information for seven
consecutive months are logged as months in EEPROM. For more details about EEPROM
data logging, refer to Section 6.2: EEPROM data log.
5.6
LCD section
LCD J3 is the connector for external 18* 4 LCD glass.
LCD glass OPT6089A (operating voltage 3 V, duty 1/4, Bias 1/3) offers various energy meter
specific symbols.
LCD glass is driven by the microcontroller internal LCD driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com