Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1524 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM1524
Description  This document describes the functions
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1524 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM1524 Datasheet HTML 19Page - STMicroelectronics UM1524 Datasheet HTML 20Page - STMicroelectronics UM1524 Datasheet HTML 21Page - STMicroelectronics UM1524 Datasheet HTML 22Page - STMicroelectronics UM1524 Datasheet HTML 23Page - STMicroelectronics UM1524 Datasheet HTML 24Page - STMicroelectronics UM1524 Datasheet HTML 25Page - STMicroelectronics UM1524 Datasheet HTML 26Page - STMicroelectronics UM1524 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
UM1524
EEPROM log data structure
Doc ID 022901 Rev 1
23/35
6.8
Size overview
Note:
EEPROM data structuring is done in a modular way to support future updates. Reconfigure
parameters in header file “emeter_datamgmt.h” to modify log structure entry count.
6.9
Entry structure
●
Calibration data log
CHV, CHP, CHS are calibration parameters for current and voltage channel for metering IC.
For more details on calibration parameters, refer to the metering IC datasheet on
www.st.com.
●
Total cumulative energy log
Two duplicate entries are stored. One at the start of EEPROM and another at the end of
EEPROM.
This is done to make sure that, if EEPROM is corrupted at one point, another entry with
correct CRC is considered as the valid value.
Table 5.
EEPROM parameter size overview
Parameter
Size (in bytes)
Calibration data
10 (3 bytes (CHV, CHP, CHS +7 dummy bytes for
future use))
Total cumulative energy duplicate entry 1
7(4 bytes + 2byte + 1 byte (CRC))
Cumulative energy till last month
42(7*6): without CRC
Maximum demand log
63(7*(3+3+3))
Monthly cumulative energy
42(7*6)
Average PF log
42(7*4+7*2)
Earth tamper log
175 (7*((4*(3+3)) +1))
Reverse log
175 (7*((4*(3+3)) +1))
Neutral missing log
175 (7*((4*(3+3)) +1))
Case tamper log
175 (7*((4*(3+3)) +1))
Total cumulative energy duplicate entry 2
7(4 bytes + 2byte+ 1 byte (CRC))
Count for CE overflow
1 byte
Power-down entry
6 byte
Table 6.
Calibration data Log
Calibration data
Start address
Size
(CHV, CHP, CHS, 7 times 0x00)
0x00
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com