Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1524 Datasheet(PDF) 32 Page - STMicroelectronics

Part # UM1524
Description  This document describes the functions
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1524 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button UM1524 Datasheet HTML 27Page - STMicroelectronics UM1524 Datasheet HTML 28Page - STMicroelectronics UM1524 Datasheet HTML 29Page - STMicroelectronics UM1524 Datasheet HTML 30Page - STMicroelectronics UM1524 Datasheet HTML 31Page - STMicroelectronics UM1524 Datasheet HTML 32Page - STMicroelectronics UM1524 Datasheet HTML 33Page - STMicroelectronics UM1524 Datasheet HTML 34Page - STMicroelectronics UM1524 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
Resistors
R40
8 k
Ω
SMD0805
Any
R45
27E,5W
R48
12 k
Ω
SMD0805
Any
Inductors
L1
220 µH
SMD
Panasonic - ECG
ELJ-FB221JF
Digi-Key
PCD1469CT-ND
L2, L3
1 µH
SMD
Panasonic - ECG
ELJ-FC1R0JF
Digi-Key
PCD1228CT-ND
Diode
D1,D2,D3,D4,
DIODE GPP 1A 1000 V
DO41
Leaded
Fairchild
Semiconductor
1N4007
Digi-Key
1N4007FSCT-ND
Misc.
components
U6
Infrared transceiver
module (SIR, 115.2
kbit/s)
SMD-8-pin
Vishay Electronics
TFDU6300-TR3
Digi-Key
751-1082-1-ND
U4
Micropower omnipolar
Hall-effect sensor
switch
SC-59-3L
Diodes Inc.
AH180_SC59-3L
Digi-Key
AH180-WGDICT-
ND
SW1
RESET switch for micro
Leaded
TYCO
ELECTRONICS
1555986
Farnell
FSM10JH
SW2
CASE TAMPER switch
Leaded
TYCO
ELECTRONICS
1555986
Farnell
FSM10JH
SW3
LCD_PUSH switch
Leaded
TYCO
ELECTRONICS
1555986
Farnell
FSM10JH
J3
LCD glass 18x4
22-pin connector
OPT6089A
PIE Electronics
PIE Electronics
MOV1
SUR ABSORBER
10MM 750 V 2500 A
ZNR
Leaded
Panasonic - ECG
ERZ-V10D751
Digi-Key
P7260-ND
RS1
Current sensing
resistors 5 WATT .0003
OHM 1%
Leaded
ISABELLENHUTTE
BKW-M-R0003-5.0
ELECTRIC
CENTER
BKW-M-R0003-5.0
Table 13.
BOM list (continued)
Category
Reference
designator
Component
description
Package
Manufacturer
Manufacturer’s
ordering code /
orderable part
number
Supplier
Supplier ordering
code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com